Electronic Components Datasheet Search
  English  ▼

X  

PSMN004-60P. Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN004-60P.
Description  NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN004-60P. Datasheet(HTML) 6 Page - NXP Semiconductors

  PSMN004-60P. Datasheet HTML 1Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 2Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 3Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 4Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 5Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 6Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 7Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
NextPower MOSFETs - Visit us at www.nxp.com/mosfets
Comparing NextPower with a leading competitor
Benchmarking tests show that NextPower types deliver 1% efficiency gains compared to the nearest competitor types:
Test conditions
} Input Voltage: 12 V
} Output Voltage: 1.2 V
} 1 phase
} Frequency: 500 KHz
} Air flow: 200 LFM
0
5
10
15
20
25
30
PSMN4R0-25YLC/PSMN1R1-25YLC
Competitor
ILOAD (Amps)
Safe Operating Area comparison
0
1
2
3
4
5
6
7
8
9
10
NXP Trench 6 and previous generation
from competition
NXP NextPower and latest generation
from competition
NXP
Competitor 1
Competitor 2
Condition: SOA Drain current (Amp) @ V
ds=10 V, 10 ms pulse for a 5 mΩ (@ 10 V) in Power SO8
Why Choose LFPAK?
} Reduced electrical resistance and inductance
} Outstanding thermal performance
} Rugged design, qualified to AEC-Q101
(stringent automotive standard)
} Easy to handle, solder and inspect
} Power-SO8 footprint compatible



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com