Electronic Components Datasheet Search
  English  ▼

X  

PSMN004-60P. Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN004-60P.
Description  NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN004-60P. Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN004-60P. Datasheet HTML 1Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 2Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 3Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 4Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 5Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 6Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 7Page - NXP Semiconductors PSMN004-60P. Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
NextPower MOSFETs - Visit us at www.nxp.com/mosfets
Type
Voltage (V)
R
DS(on)typ
V
GS = 4.5 V (mΩ)
Q
G(typ)
V
GS = 4.5 V (nC)
Q
GD(typ)
V
GS = 4.5 V (nC)
C
OSS (pF)
PSMN1R0-30YLC
30
1.1
50
14.6
1210
PSMN1R2-30YLC
30
1.35
38
11.6
977
PSMN1R5-30YLC
30
1.65
30
8.6
860
PSMN2R2-30YLC
30
2.3
26
8
651
PSMN2R6-30YLC
30
3.1
18
5.5
549
PSMN3R2-30YLC
30
3.75
14.2
4.1
432
PSMN3R7-30YLC
30
4.25
14
4.2
380
PSMN4R1-30YLC
30
4.75
11
3.5
316
PSMN4R5-30YLC
30
5.1
9.6
2.85
288
30 V NextPower types
Benchmarking
Comparing NXP NextPower with NXP Trench 6 technology
Benchmark testing for NextPower types shows a 1% efficiency gain compared to equivalent Trench 6 types:
Test conditions
} Input Voltage: 12 V
} Output Voltage: 1.2 V
} 1 phase
} Frequency: 500 KHz
} Air flow: 200 LFM
Type
Voltage (V)
R
DS(on)typ
V
GS = 4.5 V (mΩ)
Q
G(typ)
V
GS = 4.5 V (nC)
Q
GD(typ)
V
GS = 4.5 V (nC)
C
OSS (pF)
PSMN1R5-30YL
30
1.8
36
8.7
1082
PSMN1R5-30YLC
30
1.65
30
8.6
860
PSMN4R0-30YL
30
3.7
18
4.3
469
PSMN4R5-30YLC
30
5.1
9.6
2.85
288
30 V NextPower types
=&G$3H"
)
IJ0C&4E$F9)
=K,LMN<=)
OKC$F9E)
=K,LMN<=)
OKPC$F9E)
=K,LMN<=)
8+,,C$F9E )
XYW!
U5V!
Uf!
V5f!
TVVY!
XYW!
U5X!
U\!
] !
\VT!
XYW!
] !
f5f !
U5]!
bgf !
XYW!
V5T!
f5\!
U5]V!
U]] !
0
5
10
15
20
25
30
NextPower: PSMN4R5-30YLC / PSMN1R5-30YLC
Trench 6: PSMN4R0-30YL / PSMN1R5-30YL
ILOAD (Amps)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com