Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 35 Page - Analog Devices

Part # AD3552R
Description  Dual Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 35 Page - Analog Devices

Back Button AD3552R Datasheet HTML 31Page - Analog Devices AD3552R Datasheet HTML 32Page - Analog Devices AD3552R Datasheet HTML 33Page - Analog Devices AD3552R Datasheet HTML 34Page - Analog Devices AD3552R Datasheet HTML 35Page - Analog Devices AD3552R Datasheet HTML 36Page - Analog Devices AD3552R Datasheet HTML 37Page - Analog Devices AD3552R Datasheet HTML 38Page - Analog Devices AD3552R Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
Data Sheet
AD3552R
THEORY OF OPERATION
analog.com
Rev. B | 35 of 70
Synchronous Dual SPI Mode
In synchronous dual SPI mode, similar to dual SPI mode, the SDI/
SDIO0 and SDO/SDIO1 data lines are bidirectional, as shown in
Figure 83. During the data phase, the R/W bit of the instruction
phase defines the direction of the data lines. During the instruction
phase, the data lines are always configured as inputs. In contrast
to dual SPI mode, in synchronous dual SPI mode each SDIO line
serializes the data of one DAC, as shown in Figure 85.
In this mode, the data transferred on the SDIO0 line is loaded
to the register addressed in the instruction phase, while the data
transferred on the SDIO1 line is loaded to the register at the
address given in the instruction phase that is incremented by 3
bytes in precision mode or the address given in the instruction
phase that is incremented by 2 bytes in fast mode.
Synchronous dual SPI mode can only be used to write the
CHx_DAC_16B, CHx_DAC_24B, CHx_INPUT_16B, and CHx_IN-
PUT_24B registers. To write other registers within the secondary
region, classic SPI must be used.
This transfer mode is useful when the controller is made up of two
entities, each one addressing one DAC with a single bit stream, or
when the CPU cannot serialize the data in groups of two bits. This
mode also allows the simultaneous update of both channels without
any time skew when the LDAC signal is not used.
Figure 85. Synchronous Dual SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com