Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 12 Page - Analog Devices

Part # AD3552R
Description  Dual Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 12 Page - Analog Devices

Back Button AD3552R Datasheet HTML 8Page - Analog Devices AD3552R Datasheet HTML 9Page - Analog Devices AD3552R Datasheet HTML 10Page - Analog Devices AD3552R Datasheet HTML 11Page - Analog Devices AD3552R Datasheet HTML 12Page - Analog Devices AD3552R Datasheet HTML 13Page - Analog Devices AD3552R Datasheet HTML 14Page - Analog Devices AD3552R Datasheet HTML 15Page - Analog Devices AD3552R Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
Data Sheet
AD3552R
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 12 of 70
Figure 13. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
DVDD
S
Digital Core Power Supply. 1.8 V ± 5%.
2
VLOGIC
S
Digital Interface Power Supply. 1.2 V to 1.8 V.
3
CS
DI
Chip Select, Active Low Logic Input. This is the frame synchronization signal for the input data.
4
SCLK
DI
Serial Clock Input.
5
SDI/SDIO0
DI/O
Serial Data Input in Classic SPI Mode.
Serial Bidirectional Input/Output Bit 0 in Dual or Quad SPI Modes.
6
SDO/SDIO1
DI/O
Serial Data Output in Classic SPI Mode.
Serial Bidirectional Input/Output Bit 1 in Dual or Quad SPI Modes.
7
SDIO2
DI/O
Serial Bidirectional Input/Output Bit 2 in Quad SPI Mode. Pull down if not used.
8
SDIO3
DI/O
Serial Bidirectional Input/Output Bit 3 in Quad SPI Mode. Pull down if not used.
9
LDAC
DI
Load DAC, Active Low Logic Input. LDAC can be operated in synchronous mode or asynchronous mode. Pulsing this pin low
causes the DAC register to be updated if the input register has new data. If this pin is tied permanently low, the DAC is
automatically updated when new data is written to the input register.
10
RESET
DI
Asynchronous Reset Input. Active low logic input. When RESET is low, all registers are reset to their default values and the activity
on the digital interface is ignored. The AD3552R incorporates a power-on reset (POR) circuit. If this pin is not used it must be tied to
VLOGIC.
11
ALERT
DO
Alert Pin. Active low logic output. This pin is driven low if an alert condition is detected and it is not masked by the corresponding bit
in the mask register. This pin has an internal configurable pull-up resistor.
12
PCAP1
AI/O
Noise Reduction Capacitor for DAC1, Optional. Capacitor connected to AVDD.
13
NCAP1
AI/O
Noise Reduction Capacitor for DAC1, Optional. Capacitor connected to GND.
14
VCM1
AO
Common Mode Voltage for DAC1. Analog input/output.
15
IOUT1
AI/O
DAC1 Output Current.
16
RFB1_1
AI/O
Hardware Gain Selection for DAC1, Gain = 1.
17
RFB2 _1
AI/O
Hardware Gain Selection for DAC1, Gain = 2.
18
RFB4 _1
AI/O
Hardware Gain Selection for DAC1, Gain = 4.
19
AVDD
S
Analog Power Supply. 5 V ± 5%.
20
VREF
AI/O
Voltage Reference, 2.5 V. Input when using external reference, output or floating when using internal reference.
21
CVREF
AI/O
Decoupling Capacitor for Internal Reference, Optional.
22
AGND
S
Analog Ground Reference. It is recommended to connect DGND and AGND to the same ground plane under the device.
23
RFB4 _0
AI/O
Hardware Gain Selection for DAC0, Gain = 4.
24
RFB2 _0
AI/O
Hardware Gain Selection for DAC0, Gain = 2.
25
RFB1 _0
AI/O
Hardware Gain Selection for DAC0, Gain = 1.
26
IOUT0
AI/O
DAC0 Output Current.
27
VCM0
AO
Common Mode Voltage for DAC0 External TIA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com