Electronic Components Datasheet Search
  English  ▼

X  

AD3552R Datasheet(PDF) 53 Page - Analog Devices

Part # AD3552R
Description  Dual Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3552R Datasheet(HTML) 53 Page - Analog Devices

Back Button AD3552R Datasheet HTML 49Page - Analog Devices AD3552R Datasheet HTML 50Page - Analog Devices AD3552R Datasheet HTML 51Page - Analog Devices AD3552R Datasheet HTML 52Page - Analog Devices AD3552R Datasheet HTML 53Page - Analog Devices AD3552R Datasheet HTML 54Page - Analog Devices AD3552R Datasheet HTML 55Page - Analog Devices AD3552R Datasheet HTML 56Page - Analog Devices AD3552R Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
Data Sheet
AD3552R
REGISTERS
analog.com
Rev. B | 53 of 70
Table 35. Bit Descriptions for INTERFACE_CONFIG_D
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
6
ALERT_ENABLE_PULLUP
ALERT Pin Control. Enable internal 2.5 kΩ pull-up resistor.
0x0
R/W
0 Internal pull-up disabled. An external pull-up is required.
1 Internal pull-up enabled.
5
RESERVED
Reserved.
0x0
R
4
MEM_CRC_EN
Memory CRC Enable. This bit controls the continuous
checking of the primary register set and the ROM memory.
0x0
R/W
0 Memory CRC checking disabled.
1 Memory CRC checking enabled.
[3:2]
SDIO_DRIVE_STRENGTH
SDIO Drive Strength. These two bits allow for the increase in
SDIO drive strength.
0x1
R/W
00 Low SDIO drive strength.
01 Medium low SDIO drive strength.
10 Medium high SDIO drive strength.
11 High SDIO drive strength.
1
DUAL_SPI_SYNCHRONOUS_EN
Dual SPI Synchronous Enable. This bit controls the dual
synchronous data transfer using one SDIO line for each DAC
stream.
0x0
R/W
0 Dual synchronous mode disabled.
1 Dual synchronous mode enabled.
0
SPI_CONFIG_DDR
SPI Configuration DDR. This bit controls the use of DDR for
data transfers.
0x0
R/W
0 DDR mode disabled.
1 DDR mode enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com