Electronic Components Datasheet Search
  English  ▼

X  

AD8153 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8153
Description  3.2 Gbps Single Buffered Mux/Demux Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8153 Datasheet HTML 2Page - Analog Devices AD8153 Datasheet HTML 3Page - Analog Devices AD8153 Datasheet HTML 4Page - Analog Devices AD8153 Datasheet HTML 5Page - Analog Devices AD8153 Datasheet HTML 6Page - Analog Devices AD8153 Datasheet HTML 7Page - Analog Devices AD8153 Datasheet HTML 8Page - Analog Devices AD8153 Datasheet HTML 9Page - Analog Devices AD8153 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8153
Data Sheet
Rev. A | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EPAD NEEDS TO BE ELECTRICALLY CONNECTED TO VEE.
VCC
VTTO
ONA
OPA
VTTI
INA
IPA
VEE
MODE
RESETB
SEL
BICAST
LB_A
LB_B
LB_C
EQ_A/(SCL)
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
AD8153
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1, 9, 12
VCC
Power
Positive Supply.
2
VTTO
Power
Output Termination Supply.
3
ONA
I/O
High Speed Output Complement.
4
OPA
I/O
High Speed Output.
5
VTTI
Power
Input Termination Supply.
6
INA
I/O
High Speed Input Complement.
7
IPA
I/O
High Speed Input.
8, 32, EPAD
VEE
Power
Negative Supply.
10
ONB
I/O
High Speed Output Complement.
11
OPB
I/O
High Speed Output.
13
INB
I/O
High Speed Input Complement.
14
IPB
I/O
High Speed Input.
15
EQ_C
Control
Port C Input Equalization Control.
16
EQ_B/(SDA)
Control
Port B Input Equalization Control/(I2C Data when MODE = 1).
17
EQ_A/(SCL)
Control
Port A Input Equalization Control/(I2C Clock when MODE = 1).
18
LB_C
Control
Port C Loopback Enable.
19
LB_B
Control
Port B Loopback Enable.
20
LB_A
Control
Port A Loopback Enable.
21
BICAST
Control
Bicast Enable.
22
SEL
Control
A/B Select.
23
RESETB
Control
Configuration Registers Reset.
24
MODE
Control
Configuration Mode. 1 for Serial/Mixed Mode, 0 for Pin Mode.
25
PE_C/(I2C_A[2])
Control
Port C Pre-Emphasis Control/(I2C Slave Address Bit 2 when MODE = 1).
26
PE_B/(I2C_A[1])
Control
Port B Pre-Emphasis Control/(I2C Slave Address Bit 1 when MODE = 1).
27
ONC
I/O
High Speed Output Complement.
28
OPC
I/O
High Speed Output.
29
PE_A/(I2C_A[0])
Control
Port A Pre-Emphasis Control/(I2C Slave Address Bit 0 when MODE = 1).
30
INC
I/O
High Speed Input Complement.
31
IPC
I/O
High Speed Output.
EPAD
Exposed Pad. The EPAD needs to be electrically connected to VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com