Electronic Components Datasheet Search
  English  ▼

X  

AD8153 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8153
Description  3.2 Gbps Single Buffered Mux/Demux Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153 Datasheet(HTML) 3 Page - Analog Devices

  AD8153 Datasheet HTML 1Page - Analog Devices AD8153 Datasheet HTML 2Page - Analog Devices AD8153 Datasheet HTML 3Page - Analog Devices AD8153 Datasheet HTML 4Page - Analog Devices AD8153 Datasheet HTML 5Page - Analog Devices AD8153 Datasheet HTML 6Page - Analog Devices AD8153 Datasheet HTML 7Page - Analog Devices AD8153 Datasheet HTML 8Page - Analog Devices AD8153 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD8153
Rev. A | Page 3 of 24
SPECIFICATIONS
VCC = VTTI = VTTO = 3.3 V, VEE = 0 V, RL = 50 Ω, two outputs active with no pre-emphasis, data rate = 3.2 Gbps, ac-coupled, PRBS7 test
pattern, VID = 800 mV p-p, TA = 25°C, unless otherwise noted.1
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Data Rate/Channel (NRZ)
DC
3.2
Gbps
Deterministic Jitter
Data rate = 3.2 Gbps, high EQ
16
ps p-p
Random Jitter
RMS, high EQ
500
fs
Propagation Delay
Input to output
640
ps
Lane-to-Lane Skew
55
ps
Switching Time
5
ns
Output Rise/Fall Time
20% to 80%
85
ps
INPUT CHARACTERISTICS
Input Voltage Swing
Differential
200
2000
mV p-p
Input Voltage Range
Common mode, VID = 800 mV p-p
VEE + 1.0
VCC + 0.3
V
Input Capacitance
2
pF
OUTPUT CHARACTERISTICS
Output Voltage Swing
Differential, @ dc
700
800
900
mV p-p
Output Voltage Range
Single-ended absolute voltage level
Vcc − 1.6
Vcc + 0.6
V
Output Current
No pre-emphasis
16
mA
Output Current
Maximum pre-emphasis, all ports
28
mA
Output Capacitance
2
pF
TERMINATION CHARACTERISTICS
Resistance
Differential
100
Ω
Temperature Coefficient
0.1
Ω/°C
POWER SUPPLY
Operating Range
VCC
VEE = 0 V
3.0
3.3
3.6
V
VTTI
VEE = 0 V
VCC
V
VTTO
VEE = 0 V
VCC
V
Supply Current
ICC
II/O = ITTO + ITTI
Two outputs active, no pre-emphasis, 400 mV I/O swings
(800 mV p-p differential)
27
31
35
mA
26
32
39
mA
Supply Current
ICC
II/O = ITTO + ITTI
Three outputs active, maximum pre-emphasis, 400 mV
I/O swings (800 mV p-p differential)
53
58
63
mA
74
84
95
mA
THERMAL CHARACTERISTICS
Operating Temperature Range
−40
+85
°C
θJA
Still air
30.0
°C/W
LOGIC INPUT CHARACTERISTICS
Input High (VIH)
2.4
VCC
V
Input Low (VIL)
VEE
0.8
V
1
VID: Input differential voltage swing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com