Electronic Components Datasheet Search
  English  ▼

X  

AD8153 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8153
Description  3.2 Gbps Single Buffered Mux/Demux Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8153 Datasheet HTML 12Page - Analog Devices AD8153 Datasheet HTML 13Page - Analog Devices AD8153 Datasheet HTML 14Page - Analog Devices AD8153 Datasheet HTML 15Page - Analog Devices AD8153 Datasheet HTML 16Page - Analog Devices AD8153 Datasheet HTML 17Page - Analog Devices AD8153 Datasheet HTML 18Page - Analog Devices AD8153 Datasheet HTML 19Page - Analog Devices AD8153 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8153
Data Sheet
Rev. A | Page 16 of 24
I2C DATA WRITE
To write data to the AD8153 register set, a microcontroller, or
any other I2C master, needs to send the appropriate control
signals to the AD8153 slave device. The steps that need to be
followed are listed below, where the signals are controlled by the
I2C master unless otherwise specified. A diagram of the procedure
is shown in Figure 32.
1. Send a start condition (while holding the SCL line high, pull
the SDA line low).
2. Send the AD8153 part address (seven bits) whose upper
four bits are the static value b1001 and whose lower three
bits are controlled by the input pins I2C_A[2:0]. This
transfer should be MSB first.
3. Send the write indicator bit (0).
4. Wait for the AD8153 to acknowledge the request.
5. Send the register address (eight bits) to which data is to be
written. This transfer should be MSB first.
6. Wait for the AD8153 to acknowledge the request.
7. Send the data (eight bits) to be written to the register whose
address was set in Step 5. This transfer should be MSB first.
8. Wait for the AD8153 to acknowledge the request.
9. Send a stop condition (while holding the SCL line high, pull
the SDA line high) and release control of the bus.
10. Send a repeated start condition (while holding the SCL line
high, pull the SDA line low) and continue with Step 2 in this
procedure to perform another write.
11. Send a repeated start condition (while holding the SCL line
high, pull the SDA line low) and continue with Step 2 of the
read procedure (in the I2C Data Read section) to perform a
read from another address.
12. Send a repeated start condition (while holding the SCL line
high, pull the SDA line low) and continue with step 8 of the
read procedure (in the I2C Data Read section) to perform a
read from the same address set in Step 5.
The AD8153 write process is shown in Figure 32. The SCL
signal is shown along with a general write operation and a
specific example. In the example, data 0x92 is written to
Address 0x6D of an AD8153 part with a part address of 0x4B.
The part address is seven bits wide and is composed of the
AD8153 static upper four bits (b1001) and the pin
programmable lower three bits (I2C_ADDR[2:0]). In this
example, the I2C_ADDR bits are set to b011. In Figure 32, the
corresponding step number is visible in the circle under the
waveform. The SCL line is driven by the I2C master and never
by the AD8153 slave. As for the SDA line, the data in the shaded
polygons is driven by the AD8153, whereas the data in the non-
shaded polygons is driven by the I2C master. The end phase case
shown is that of 9a.
It is important to note that the SDA line only changes when the
SCL line is low, except for the case of sending a start, stop, or
repeated start condition, Step 1 and Step 9 in this case.
SCL
SDA
(GENERAL CASE)
SDA
(EXAMPLE)
START
FIXED PART ADDR
ADDR
[2:0]
RW ACK
REGISTER ADDR
ACK
DATA
ACK
STOP
12
3
4
25
6
7
8
9a
Figure 32. I2C Write Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com