Electronic Components Datasheet Search
  English  ▼

X  

AD8153 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8153
Description  3.2 Gbps Single Buffered Mux/Demux Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8153 Datasheet HTML 16Page - Analog Devices AD8153 Datasheet HTML 17Page - Analog Devices AD8153 Datasheet HTML 18Page - Analog Devices AD8153 Datasheet HTML 19Page - Analog Devices AD8153 Datasheet HTML 20Page - Analog Devices AD8153 Datasheet HTML 21Page - Analog Devices AD8153 Datasheet HTML 22Page - Analog Devices AD8153 Datasheet HTML 23Page - Analog Devices AD8153 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD8153
Rev. A | Page 21 of 24
OUTPUT COMPLIANCE
Figure 40 is a graphical depiction of the single-ended waveform
at the output of the AD8153. The common-mode level (VOCM)
and the amplitude (VOSE) of this waveform are a function of the
output tail current (IT), the output termination supply voltage
(VTTO), the topology of the far-end receiver, and whether ac- or
dc-coupling is used. Keep in mind that the output tail current
varies with the pre-emphasis level. The user must ensure that
the high (VH) and low (VL) voltage excursions at the output are
within the single-ended absolute voltage range limits as
specified in Table 1. Failure to understand the implications of
output signal levels and the choice of ac- or dc-coupling may
lead to transistor saturation and poor transmitter performance.
Table 9 shows an example calculation of the output levels for the
typical case, where VCC = VTTO = 3.3 V, with 50  far-end
terminations to a 3.3 V supply.
VOCM
VH
VL
VOSE-DC
VOSE-BOOST
VTTO
~320ps
Figure 40. Single-Ended Output Waveform
Table 9. Output Voltage Levels
DC-Coupled
AC-Coupled
PE Setting
IT (mA)
VOSE-DC (mV p-p)
VOSE-BOOST (mV p-p)
VOCM (V)
VH (V)
VL (V)
VOCM (V)
VH (V)
VL (V)
0
16
400
400
3.1
3.3
2.9
2.9
3.1
2.7
1
20
400
500
3.05
3.3
2.8
2.8
3.05
2.55
2
24
400
600
3
3.3
2.7
2.7
3
2.4
3
28
400
700
2.95
3.3
2.6
2.6
2.95
2.25
Table 10. Symbol Definitions
Symbol
Formula
Definition
VOSE-DC
25
0
PE
T
I
Single-ended output voltage swing after settling
VOSE-BOOST
 25
T
I
Boosted single-ended output voltage swing
VOCM (dc-coupled)
25
2
T
TTO
I
V
Common-mode voltage when the output is dc-coupled
VOCM (ac-coupled)
50
2
T
TTO
I
V
Common-mode voltage when the output is ac-coupled
VH
VOCM + VOSE-BOOST/2
High single-ended output voltage excursion
VL
VOCM - VOSE-BOOST/2
Low single-ended output voltage excursion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com