Electronic Components Datasheet Search
  English  ▼

X  

DER-110 Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # DER-110
Description  7.3 W Dual Output Non-Isolated Power Supply using TNY266P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-110 Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button DER-110 Datasheet HTML 14Page - Power Integrations, Inc. DER-110 Datasheet HTML 15Page - Power Integrations, Inc. DER-110 Datasheet HTML 16Page - Power Integrations, Inc. DER-110 Datasheet HTML 17Page - Power Integrations, Inc. DER-110 Datasheet HTML 18Page - Power Integrations, Inc. DER-110 Datasheet HTML 19Page - Power Integrations, Inc. DER-110 Datasheet HTML 20Page - Power Integrations, Inc. DER-110 Datasheet HTML 21Page - Power Integrations, Inc. DER-110 Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
DER-110
Dual Output Non-Isolated Power Supply
October 26, 2005
Page 18 of 23
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9.3
Drain Voltage and Current Start-up Profile
Figure 14 – 85 VAC Input and Maximum Load.
Upper: IDRAIN, 0.5 A / div.
Lower: VDRAIN, 100 V & 1 ms / div.
Figure 15 – 265 VAC Input and Maximum Load.
Upper: IDRAIN, 0.5 A / div.
Lower: VDRAIN, 200 V & 1 ms / div.
9.4
Load Transient Response (50% to 100% Load Step)
In the figures shown below, signal averaging was used to better enable viewing the load
transient response. The oscilloscope was triggered using the load current step as a trigger
source. Since the output switching and line frequency occur essentially at random with
respect to the load transient, contributions to the output ripple from these sources will
average
out,
leaving
the
contribution
only
from
the
load
step
response.
Figure 16 – Transient Response, 90 VAC, 75-100-
75% Load Step.
Top: Load Current, 0.2 A/div.
Bottom: Output Voltage
50 mV, 5ms / div.
Figure 17 – Transient Response, 265 VAC, 75-100-
75% Load Step
Upper: Load Current, 0.2 A/ div.
Bottom: Output Voltage
50 mV, 5 ms / div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com