Electronic Components Datasheet Search
  English  ▼

X  

DER-110 Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # DER-110
Description  7.3 W Dual Output Non-Isolated Power Supply using TNY266P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-110 Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button DER-110 Datasheet HTML 15Page - Power Integrations, Inc. DER-110 Datasheet HTML 16Page - Power Integrations, Inc. DER-110 Datasheet HTML 17Page - Power Integrations, Inc. DER-110 Datasheet HTML 18Page - Power Integrations, Inc. DER-110 Datasheet HTML 19Page - Power Integrations, Inc. DER-110 Datasheet HTML 20Page - Power Integrations, Inc. DER-110 Datasheet HTML 21Page - Power Integrations, Inc. DER-110 Datasheet HTML 22Page - Power Integrations, Inc. DER-110 Datasheet HTML 23Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
DER-110
Dual Output Non-Isolated Power Supply
October 26, 2005
Page 19 of 23
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
9.5
Output Ripple Measurements
9.5.1 Ripple Measurement Technique
For DC output ripple measurements, a modified oscilloscope test probe must be utilized
in order to reduce spurious signals due to pickup. Details of the probe modification are
provided in Figure 18 and Figure 19.
The 5125BA probe adapter is affixed with two capacitors tied in parallel across the probe
tip. The capacitors include one (1) 0.1
µF/50 V ceramic type and one (1) 1.0 µF/50 V
aluminum electrolytic.
The aluminum electrolytic type capacitor is polarized, so
proper polarity across DC outputs must be maintained (see below).
Figure 18 – Oscilloscope Probe Prepared for Ripple Measurement. (End Cap and Ground Lead Removed)
Figure 19 – Oscilloscope Probe with Probe Master 5125BA BNC Adapter. (Modified with wires for probe
ground for ripple measurement, and two parallel decoupling capacitors added)
Probe Ground
Probe Tip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com