Electronic Components Datasheet Search
  English  ▼

X  

DER-110 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-110
Description  7.3 W Dual Output Non-Isolated Power Supply using TNY266P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-110 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-110 Datasheet HTML 1Page - Power Integrations, Inc. DER-110 Datasheet HTML 2Page - Power Integrations, Inc. DER-110 Datasheet HTML 3Page - Power Integrations, Inc. DER-110 Datasheet HTML 4Page - Power Integrations, Inc. DER-110 Datasheet HTML 5Page - Power Integrations, Inc. DER-110 Datasheet HTML 6Page - Power Integrations, Inc. DER-110 Datasheet HTML 7Page - Power Integrations, Inc. DER-110 Datasheet HTML 8Page - Power Integrations, Inc. DER-110 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
DER-110
Dual Output Non-Isolated Power Supply
October 26, 2005
Page 2 of 23
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction.................................................................................................................3
2
Power Supply Specification ........................................................................................4
3
Schematic...................................................................................................................5
4
PCB Layout ................................................................................................................6
5
Bill Of Materials...........................................................................................................7
6
Transformer Specification...........................................................................................8
6.1
Electrical Diagram ...............................................................................................8
6.2
Electrical Specifications.......................................................................................8
6.3
Materials ..............................................................................................................8
6.4
Transformer Build Diagram .................................................................................9
6.5
Transformer Construction ....................................................................................9
7
Transformer Spreadsheets .......................................................................................10
8
Performance Data.....................................................................................................13
8.1
Efficiency ...........................................................................................................13
8.2
No-load Input Power..........................................................................................14
8.3
Regulation .........................................................................................................15
8.3.1
Load ...........................................................................................................15
8.3.2
Line ............................................................................................................16
9
Waveforms ...............................................................................................................17
9.1
Drain Voltage and Current, Normal Operation...................................................17
9.2
Output Voltage Start-up Profile..........................................................................17
9.3
Drain Voltage and Current Start-up Profile ........................................................18
9.4
Load Transient Response (50% to 100% Load Step)........................................18
9.5
Output Ripple Measurements ............................................................................19
9.5.1
Ripple Measurement Technique.................................................................19
9.5.2
Measurement Results ................................................................................20
10
Conducted EMI .....................................................................................................21
11
Revision History ....................................................................................................22
Important Notes:
Although this board is designed to satisfy safety isolation requirements, the engineering
prototype has not been agency approved. Therefore, all testing should be performed using
an isolated source to provide power to the prototype board.
Design Reports contain a power supply design specification, schematic, bill of materials,
and transformer documentation. Performance data and typical operation characteristics are
included. Typically only a single prototype has been built.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com