Electronic Components Datasheet Search
  English  ▼

X  

DER-110 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # DER-110
Description  7.3 W Dual Output Non-Isolated Power Supply using TNY266P
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-110 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button DER-110 Datasheet HTML 15Page - Power Integrations, Inc. DER-110 Datasheet HTML 16Page - Power Integrations, Inc. DER-110 Datasheet HTML 17Page - Power Integrations, Inc. DER-110 Datasheet HTML 18Page - Power Integrations, Inc. DER-110 Datasheet HTML 19Page - Power Integrations, Inc. DER-110 Datasheet HTML 20Page - Power Integrations, Inc. DER-110 Datasheet HTML 21Page - Power Integrations, Inc. DER-110 Datasheet HTML 22Page - Power Integrations, Inc. DER-110 Datasheet HTML 23Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
DER-110
Dual Output Non-Isolated Power Supply
October 26, 2005
Page 23 of 23
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
For the latest updates, visit our website: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability. Power
Integrations does not assume any liability arising from the use of any device or circuit described herein. POWER INTEGRATIONS
MAKES NO WARRANTY HEREIN AND SPECIFICALLY DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT
LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, AND NON-
INFRINGEMENT OF THIRD PARTY RIGHTS.
PATENT INFORMATION
The products and applications illustrated herein (including transformer construction and circuits external to the products) may be covered
by one or more U.S. and foreign patents, or potentially by pending U.S. and foreign patent applications assigned to Power Integrations.
A complete list of Power Integrations’ patents may be found at www.powerint.com. Power Integrations grants its customers a license
under certain patent rights as set forth at http://www.powerint.com/ip.htm.
The PI Logo,
TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch, EcoSmart, PI Expert and PI FACTS are trademarks
of Power Integrations, Inc. Other trademarks are property of their respective companies. ©Copyright 2005 Power Integrations, Inc.
Power Integrations Worldwide Sales Support Locations
WORLD HEADQUARTERS
5245 Hellyer Avenue
San Jose, CA 95138, USA.
Main:
+1-408-414-9200
Customer Service:
Phone:
+1-408-414-9665
Fax:
+1-408-414-9765
e-mail: usasales@powerint.com
GERMANY
Rueckertstrasse 3
D-80336, Munich
Germany
Phone:
+49-89-5527-3910
Fax:
+49-89-5527-3920
e-mail: eurosales@powerint.com
JAPAN
Keihin Tatemono 1
st Bldg
2-12-20
Shin-Yokohama, Kohoku-ku,
Yokohama-shi, Kanagawa ken,
Japan 222-0033
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail:
japansales@powerint.com
TAIWAN
5F, No. 318, Nei Hu Rd., Sec. 1
Nei Hu Dist.
Taipei, Taiwan 114, R.O.C.
Phone:
+886-2-2659-4570
Fax:
+886-2-2659-4550
e-mail:
taiwansales@powerint.com
CHINA (SHANGHAI)
Rm 807-808A,
Pacheer Commercial Centre,
555 Nanjing Rd. West
Shanghai, P.R.C. 200041
Phone:
+86-21-6215-5548
Fax:
+86-21-6215-2468
e-mail: chinasales@powerint.com
INDIA
261/A, Ground Floor
7th Main, 17th Cross,
Sadashivanagar
Bangalore, India 560080
Phone:
+91-80-5113-8020
Fax:
+91-80-5113-8023
e-mail: indiasales@powerint.com
KOREA
RM 602, 6FL
Korea City Air Terminal B/D,
159-6
Samsung-Dong, Kangnam-Gu,
Seoul, 135-728, Korea
Phone:
+82-2-2016-6610
Fax:
+82-2-2016-6630
e-mail:
koreasales@powerint.com
EUROPE HQ
1st Floor, St. James’s House
East Street, Farnham
Surrey, GU9 7TJ
United Kingdom
Phone:
+44 (0) 1252-730-140
Fax:
+44 (0) 1252-727-689
e-mail: eurosales@powerint.com
CHINA (SHENZHEN)
Room 2206-2207, Block A,
Elec. Sci. Tech. Bldg.
2070 Shennan Zhong Rd.
Shenzhen, Guangdong,
China, 518031
Phone:
+86-755-8379-3243
Fax:
+86-755-8379-5828
e-mail: chinasales@powerint.com
ITALY
Via Vittorio Veneto 12
20091 Bresso MI
Italy
Phone: +39-028-928-6000
Fax:
+39-028-928-6009
e-mail: eurosales@powerint.com
SINGAPORE
51 Newton Road,
#15-08/10 Goldhill Plaza,
Singapore, 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail:
singaporesales@powerint.com
APPLICATIONS HOTLINE
World Wide +1-408-414-9660
APPLICATIONS FAX
World Wide +1-408-414-9760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com