Electronic Components Datasheet Search
  English  ▼

X  

TDA3618 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3618
Description  Multiple voltage regulator with switch and ignition buffers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3618 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3618 Datasheet HTML 4Page - NXP Semiconductors TDA3618 Datasheet HTML 5Page - NXP Semiconductors TDA3618 Datasheet HTML 6Page - NXP Semiconductors TDA3618 Datasheet HTML 7Page - NXP Semiconductors TDA3618 Datasheet HTML 8Page - NXP Semiconductors TDA3618 Datasheet HTML 9Page - NXP Semiconductors TDA3618 Datasheet HTML 10Page - NXP Semiconductors TDA3618 Datasheet HTML 11Page - NXP Semiconductors TDA3618 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2001 May 02
8
Philips Semiconductors
Product specification
Multiple voltage regulator with
switch and ignition buffers
TDA3618AJR
handbook, full pagewidth
load dump
load dump
VP
ignition 1
input
ignition 1
output
VP
ignition 2
input
ignition 2
output
7.0 V
4.5 V
≥3.25 V
≥−100 V
5.0 V
0.2 V
0.2 V
≤50 V
≤1.1 V
≥2.2 V
≥−100 V
5.0 V
≤50 V
≤2.0 V
Schmitt trigger ignition 1
Schmitt trigger ignition 2
Hold output
VP
enable
regulator 3
enable
regulator 1
regulator 3
regulator 1
temperature
protection
150
°C
HOLD
>1.8 V
<1.3 V
LOW
HIGH
passive
active
>1.8 V
<1.3 V
MGR930
Fig.4 Timing diagram of ignition Schmitt triggers and HOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com