Electronic Components Datasheet Search
  English  ▼

X  

TDA3618 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA3618
Description  Multiple voltage regulator with switch and ignition buffers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3618 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA3618 Datasheet HTML 9Page - NXP Semiconductors TDA3618 Datasheet HTML 10Page - NXP Semiconductors TDA3618 Datasheet HTML 11Page - NXP Semiconductors TDA3618 Datasheet HTML 12Page - NXP Semiconductors TDA3618 Datasheet HTML 13Page - NXP Semiconductors TDA3618 Datasheet HTML 14Page - NXP Semiconductors TDA3618 Datasheet HTML 15Page - NXP Semiconductors TDA3618 Datasheet HTML 16Page - NXP Semiconductors TDA3618 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2001 May 02
13
Philips Semiconductors
Product specification
Multiple voltage regulator with
switch and ignition buffers
TDA3618AJR
Regulator 2 (IREG2 = 5 mA unless otherwise specified)
VO(REG2)
output voltage
0.5 mA
≤ I
REG2 ≤ 300 mA
4.75
5.0
5.25
V
8V
≤ V
P ≤ 18 V
4.75
5.0
5.25
V
18 V
≤ V
P ≤ 50 V;
IREG2 ≤ 150 mA
4.75
5.0
5.25
V
∆V
line
line regulation
6 V
≤ V
P ≤ 18 V
−
250
mV
6V
≤ VP ≤ 50 V
−
15
75
mV
∆V
load
load regulation
1 mA
≤ I
REG2 ≤ 150 mA
−
20
50
mV
1mA
≤ I
REG2 ≤ 300 mA
−−
100
mV
SVRR
supply voltage ripple
rejection
fi = 3 kHz; Vi(p-p) =2V
60
70
−
dB
Vdrop
drop-out voltage
IREG2 = 100 mA;
VP = 4.75 V; note 7
−
0.4
0.6
V
IREG2 = 200 mA;
VP = 5.75 V; note 7
−
0.8
1.2
V
IREG2 = 100 mA;
VBU = 4.75 V; note 10
−
0.2
0.5
V
IREG2 = 200 mA;
VBU = 5.75 V; note 10
−
0.8
1.0
V
Ilim
current limit
VO(REG2) > 4.5 V; note 8
0.32
0.37
−
A
Isc
short-circuit current
RL ≤ 0.5 Ω; note 9
20
100
−
mA
Regulator 3 (IREG3 = 5 mA unless otherwise specified)
VO(off)
output voltage off
−
1
400
mV
VO(REG3)
output voltage
1 mA
≤ IREG3 ≤ 750 mA
4.75
5.0
5.25
V
7V
≤ V
P ≤ 18 V
4.75
5.0
5.25
V
∆V
line
line regulation
7 V
≤ VP ≤ 18 V
−
250
mV
∆Vload
load regulation
1 mA
≤ IREG3 ≤ 750 mA
−
20
100
mV
Iq
quiescent current
IREG3 = 750 mA
−
19
45
mA
SVRR
supply voltage ripple
rejection
fi = 3 kHz; Vi(p-p) =2V
60
70
−
dB
Vdrop
drop-out voltage
IREG3 = 500 mA;
VP = 5.75 V; note 7
−
1
1.5
V
Ilim
current limit
VO(REG3) > 4.5 V; note 8
0.80
0.90
−
A
Isc
short-circuit current
RL ≤ 0.5 Ω; note 9
100
400
−
mA
Power switch
Vdrop
drop-out voltage
ISW = 1 A; VP = 13.5 V;
note 11
−
0.45
0.70
V
ISW = 1.8 A; VP = 13.5 V;
note 11
−
1.0
1.8
V
Idc
continuous current
VP = 16 V; VSW = 13.5 V
1.8
2.0
−
A
Vclamp
clamping voltage
VP ≥ 17 V
13.5
15.0
16.0
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com