Electronic Components Datasheet Search
  English  ▼

X  

TDA3618 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA3618
Description  Multiple voltage regulator with switch and ignition buffers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3618 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA3618 Datasheet HTML 1Page - NXP Semiconductors TDA3618 Datasheet HTML 2Page - NXP Semiconductors TDA3618 Datasheet HTML 3Page - NXP Semiconductors TDA3618 Datasheet HTML 4Page - NXP Semiconductors TDA3618 Datasheet HTML 5Page - NXP Semiconductors TDA3618 Datasheet HTML 6Page - NXP Semiconductors TDA3618 Datasheet HTML 7Page - NXP Semiconductors TDA3618 Datasheet HTML 8Page - NXP Semiconductors TDA3618 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2001 May 02
2
Philips Semiconductors
Product specification
Multiple voltage regulator with
switch and ignition buffers
TDA3618AJR
FEATURES
General
• Extremely low noise behaviour and good stability with
very small output capacitors
• Two VP-state controlled regulators and a power switch
• Regulator 2, reset and ignition buffer operate during
load dump and thermal shutdown
• Separate control pins for switching regulator 1,
regulator 3 and the power switch
• Supply voltage range from −18 to +50 V
• Low reverse current of regulator 2
• Low quiescent current when regulator 1, regulator 3 and
the power switch are switched off
• Hold output for low VP
• Hold output for regulators 1 and 3
• Hold output for foldback mode switch
• Hold output for load dump and temperature protection
• Reset (push-pull) and hold (open collector) outputs
• Adjustable reset delay time
• High ripple rejection
• Backup capacitor for regulator 2
• Two independent ignition buffers, one inverted and with
open collector output.
Protection
• Reverse polarity safe, down to −18 V
• Able to withstand voltages up to 18 V at the outputs
(supply line may be short-circuited)
• ESD protected on all pins
• Thermal protections with hysteresis
• Load dump protection
• Foldback current limit protection for
regulators 1, 2 and 3
• Delayed second current limit protection for the power
switch at short-circuit
• The regulator outputs and the power switch are DC
short-circuit safe to ground and VP.
GENERAL DESCRIPTION
The TDA3618AJR is a multiple output voltage regulator
with a power switch and ignition buffers, intended for use
in car radios with or without a microcontroller. It contains:
• Two fixed voltage regulators with foldback current
protection (regulators 1 and 3) and one fixed voltage
regulator (regulator 2) intended to supply a
microcontroller, that also operates during load dump
and thermal shutdown
• A power switch with protection, operated by an enable
input
• Reset and hold outputs that can be used to interface
with the microcontroller; the reset signal can be used to
wake up the microcontroller
• A supply pin that can withstand load dump pulses and
negative supply voltages
• Regulator 2, which is switched on at a backup voltage
greater than 6.5 V and off when the output voltage of
regulator 2 drops below 1.9 V
• A provision for the use of a reserve supply capacitor that
will hold enough energy for regulator 2 (5 V continuous)
to allow a microcontroller to prepare for loss of voltage
• An inverted ignition 1 input with open collector output
stage
• An ignition 2 input Schmitt trigger with push-pull output
stage.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA3618AJR
DBS17P
plastic DIL-bent-SIL (specially bent) power package;
17 leads (lead length 12 mm)
SOT475-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com