Electronic Components Datasheet Search
  English  ▼

X  

TDA3618 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA3618
Description  Multiple voltage regulator with switch and ignition buffers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3618 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA3618 Datasheet HTML 14Page - NXP Semiconductors TDA3618 Datasheet HTML 15Page - NXP Semiconductors TDA3618 Datasheet HTML 16Page - NXP Semiconductors TDA3618 Datasheet HTML 17Page - NXP Semiconductors TDA3618 Datasheet HTML 18Page - NXP Semiconductors TDA3618 Datasheet HTML 19Page - NXP Semiconductors TDA3618 Datasheet HTML 20Page - NXP Semiconductors TDA3618 Datasheet HTML 21Page - NXP Semiconductors TDA3618 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
2001 May 02
18
Philips Semiconductors
Product specification
Multiple voltage regulator with
switch and ignition buffers
TDA3618AJR
Application information
NOISE
Table 1
Noise figures
Note
1. Measured at a bandwidth of 200 kHz.
The noise on the supply line depends on the value of the
supply capacitor and is caused by a current noise (the
output noise of the regulators is translated to a current
noise by the output capacitors). When a high frequency
capacitor of 220 nF in parallel with an electrolytic capacitor
of 100
µF is connected directly to pins 1 and 14 (supply
and ground), the noise is minimal.
STABILITY
The regulators are stabilized with the externally connected
output capacitors.
The output capacitors can be selected by using the graphs
of Figs 9 and 10. When an electrolytic capacitor is used,
the temperature behaviour of this output capacitor can
cause oscillations at a low temperature. The two examples
below show how an output capacitor value is selected.
Example 1
Regulators 1 and 3 are stabilized with an electrolytic
output capacitor of 220
µF (ESR = 0.15 Ω). At
Tamb = −30 °C, the capacitor value is decreased to 73 µF
and the ESR is increased to 1.1
Ω. The regulator remains
stable at Tamb = −30 °C.
Example 2
Regulator 2 is stabilized with a 10
µF electrolytic capacitor
(ESR = 3
Ω). At Tamb = −30 °C, the capacitor value is
decreased to 3
µF and the ESR is increased to 23.1 Ω.
Using Fig.10, the regulator will be unstable at
Tamb = −30 °C.
Solution
To avoid problems with stability at low temperatures, the
use of tantalum capacitors is recommended. Use a
tantalum capacitor of 10
µF or a larger electrolytic
capacitor.
REGULATOR
NOISE FIGURE (
µV)(1)
Co =10 µFCo =47 µFCo = 100 µF
1
170
130
110
2
180
120
100
3
100
70
65
handbook, halfpage
0
0.1
1
10
C (
µF)
MGK612
stable region
maximum ESR
100
R
(
Ω)
20
15
10
5
Fig.9
Curve for selecting the value of output
capacitor for regulators 1 and 3.
handbook, halfpage
2
0
0.22
110
C (
µF)
MGK613
4
6
8
10
12
stable region
maximum ESR
minimum ESR
100
R
(
Ω)
14
Fig.10 Curve for selecting the value of output
capacitor for regulator 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com