Electronic Components Datasheet Search
  English  ▼

X  

TPC5120 Datasheet(PDF) 20 Page - 3PEAK INC.

Part # TPC5120
Description  12-bit 1-MHz SAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPC5120 Datasheet(HTML) 20 Page - 3PEAK INC.

Back Button TPC5120 Datasheet HTML 16Page - 3PEAK INC. TPC5120 Datasheet HTML 17Page - 3PEAK INC. TPC5120 Datasheet HTML 18Page - 3PEAK INC. TPC5120 Datasheet HTML 19Page - 3PEAK INC. TPC5120 Datasheet HTML 20Page - 3PEAK INC. TPC5120 Datasheet HTML 21Page - 3PEAK INC. TPC5120 Datasheet HTML 22Page - 3PEAK INC. TPC5120 Datasheet HTML 23Page - 3PEAK INC. TPC5120 Datasheet HTML 24Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
www.3peak.com
Rev.1.0
20 / 32
TPC512x
12-bit 1-MHz SAR ADC
0
GPIO1 pin is configured as a general-purpose input. The setting is not allowed
for QFN packaged devices.
DI00
0
1
GPIO0 pin is configured as a general-purpose output. Valid setting for QFN
packaged devices.
0
GPIO0 pin is configured as a general-purpose input. Valid setting for QFN
packaged devices.
Table 10 Grouping of Alarm Program Registers
Group No.
Registers
Applicable for Device
0
High and low alarms for channels 0, 1, 2, and 3
TPC5120
1
High and low alarms for channels 4, 5, 6, and 7
TPC5120, TPC5121
2
High and low alarms for channels 8, 9, 10, and 11
TPC5120
3
High and low alarms for channels 12, 13, 14, and 15
TPC5120
Table 11 Alarm Program Register Settings
Bits
Reset
State
Logic
State
Function
FRAME 1
DI15-12
NA
1100
Device enters ‘alarm programming sequence’ for group 0
1101
Device enters ‘alarm programming sequence’ for group 1
1110
Device enters ‘alarm programming sequence’ for group 2
1111
Device enters ‘alarm programming sequence’ for group 3
Note: DI15-12 = 11bb is the alarm programming request for group bb. Here ‘bb’ represents the alarm programming group
number in binary format.
DI11-14
NA
Do not care
FRAME 2 AND ONWARDS
DI15-14
NA
cc
Where “cc” represents the lower two bits of the channel number in binary
format. The device programs the alarm for the channel represented by
the binary number “bbcc”. “bb” is programmed in the first frame.
DI13
NA
1
High alarm register selection
0
Low alarm register selection
DI12
NA
0
Continue the alarm programming sequence in the next frame
1
Exit Alarm Programming in the next frame. Note: If the alarm
programming sequence is not terminated using this feature, then the
device will remain in the alarm programming sequence state and all SDI
data will be treated as alarm thresholds.
DI11-10
NA
xx
Do not care
DI09-00
All ones for
high alarm
register and all
zeros for low
alarm register
This 10-bit data represents the alarm threshold. The 10-bit alarm threshold is compared
with the upper 10-bit word of the 12-bit conversion result. The device sets off an alarm
when the conversion result is higher (High Alarm) or lower (Low Alarm) than this number.
For 10-bit devices, all 10 bits of the conversion result are compared with the set threshold.
For 8-bit devices, all 8 bits of the conversion result are compared with DI09 to DI02 and
DI00, and 01 are 'do not care'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com