Electronic Components Datasheet Search
  English  ▼

X  

TPC5120 Datasheet(PDF) 22 Page - 3PEAK INC.

Part # TPC5120
Description  12-bit 1-MHz SAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPC5120 Datasheet(HTML) 22 Page - 3PEAK INC.

Back Button TPC5120 Datasheet HTML 18Page - 3PEAK INC. TPC5120 Datasheet HTML 19Page - 3PEAK INC. TPC5120 Datasheet HTML 20Page - 3PEAK INC. TPC5120 Datasheet HTML 21Page - 3PEAK INC. TPC5120 Datasheet HTML 22Page - 3PEAK INC. TPC5120 Datasheet HTML 23Page - 3PEAK INC. TPC5120 Datasheet HTML 24Page - 3PEAK INC. TPC5120 Datasheet HTML 25Page - 3PEAK INC. TPC5120 Datasheet HTML 26Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
www.3peak.com
Rev.1.0
22 / 32
TPC512x
12-bit 1-MHz SAR ADC
2'b10
R/W
10'h3ff
Channel 14 High Alarm Register
R/W
10'h000
Channel 14 Low Alarm Register
2'b11
R/W
10'h3ff
Channel 15 High Alarm Register
R/W
10'h000
Channel 15 Low Alarm Register
Register Identification
Table 12
Manual Mode Control Register (4'b0001)
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
NA
NA
NA
NA
ManuLSBEn
ManuChnl[3]
ManuChnl[2]
ManuChnl[1]
1'b0
1’b0
1’b0
1’b0
1'b0
1’b0
1’b0
1’b0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ManuChnl[0]
ManuRangSe
l
ManuP
d
ManuGPIOE
n
ManuGPIOData[3
]
ManuGPIOData[2
]
ManuGPIOData[1
]
ManuGPIOData[0
]
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
Table 13
Auto-1 Mode Control Register (4'b0010)
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
NA
NA
NA
NA
Auto1LSBEn
Auto1ChnlRst
NA
NA
1'b0
1’b0
1’b0
1’b0
1'b0
1’b0
1’b0
1’b0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
NA
Auto1RangSel
Auto1Pd
Auto1GPIOEn
Auto1GPIOData[3]
Auto1GPIOData[2]
Auto1GPIOData[1]
Auto1GPIOData[0]
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
Table 14
Auto-2 Mode Control Register (4'b0011)
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
NA
NA
NA
NA
Auto2LSBEn
Auto2ChnlRst
NA
NA
1'b0
1’b0
1’b0
1’b0
1'b0
1’b0
1’b0
1’b0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
NA
Auto2RangSel
Auto2Pd
Auto2GPIOEn
Auto2GPIOData[3]
Auto2GPIOData[2]
Auto2GPIOData[1]
Auto2GPIOData[0]
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
Table 15
RefEn Register (4'b0111)
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
NA
NA
NA
NA
NA
NA
NA
NA
1'b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
NA
NA
NA
NA
NA
NA
RefEn
NA
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b1
Note: This register is only for TPC5121.
Table 16
GPIO Program Register (4'b0100)
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
NA
NA
NA
NA
1'b0
1'b0
GPIORegRst
GPIO3PdIn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com