Electronic Components Datasheet Search
  English  ▼

X  

TPC5120 Datasheet(PDF) 21 Page - 3PEAK INC.

Part # TPC5120
Description  12-bit 1-MHz SAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPC5120 Datasheet(HTML) 21 Page - 3PEAK INC.

Back Button TPC5120 Datasheet HTML 17Page - 3PEAK INC. TPC5120 Datasheet HTML 18Page - 3PEAK INC. TPC5120 Datasheet HTML 19Page - 3PEAK INC. TPC5120 Datasheet HTML 20Page - 3PEAK INC. TPC5120 Datasheet HTML 21Page - 3PEAK INC. TPC5120 Datasheet HTML 22Page - 3PEAK INC. TPC5120 Datasheet HTML 23Page - 3PEAK INC. TPC5120 Datasheet HTML 24Page - 3PEAK INC. TPC5120 Datasheet HTML 25Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
www.3peak.com
Rev.1.0
21 / 32
TPC512x
12-bit 1-MHz SAR ADC
Register Maps
Address
Type
Default
Register Name
4'b0000
W
12'h000
Continued Operation in a Selected Mode
4'b0001
R/W
12'h000
Manual Mode Control Register
4'b0010
R/W
12'h000
Auto-1 Mode Control Register
4'b0011
R/W
12'h000
Auto-2 Mode Control Register
4'b0100
R/W
12'h000
GPIO Program Register
4'b0101
/
12'h000
Reserved and forbidden to read/write.
4'b0110
/
12'h000
Reserved and forbidden to read/write.
4'b0111
R/W
12'h000
Reference enable.
This register is only for TPC5121. Reserved for
TPC5120.
4'b1000
R/W
16'hffff
Auto-1 Mode Program Register
4'b1001
R/W
12'h3c0
Auto-2 Mode Program Register
4'b1100
W
Group 0 Alarm Program Register
2'b00
R/W
10'h3ff
Channel 0 High Alarm Register
R/W
10'h000
Channel 0 Low Alarm Register
2'b01
R/W
10'h3ff
Channel 1 High Alarm Register
R/W
10'h000
Channel 1 Low Alarm Register
2'b10
R/W
10'h3ff
Channel 2 High Alarm Register
R/W
10'h000
Channel 2 Low Alarm Register
2'b11
R/W
10'h3ff
Channel 3 High Alarm Register
R/W
10'h000
Channel 3 Low Alarm Register
4'b1101
W
Group 1 Alarm Program Register
2'b00
R/W
10'h3ff
Channel 4 High Alarm Register
R/W
10'h000
Channel 4 Low Alarm Register
2'b01
R/W
10'h3ff
Channel 5 High Alarm Register
R/W
10'h000
Channel 5 Low Alarm Register
2'b10
R/W
10'h3ff
Channel 6 High Alarm Register
R/W
10'h000
Channel 6 Low Alarm Register
2'b11
R/W
10'h3ff
Channel 7 High Alarm Register
R/W
10'h000
Channel 7 Low Alarm Register
4'b1110
W
Group 2 Alarm Program Register
2'b00
R/W
10'h3ff
Channel 8 High Alarm Register
R/W
10'h000
Channel 8 Low Alarm Register
2'b01
R/W
10'h3ff
Channel 9 High Alarm Register
R/W
10'h000
Channel 9 Low Alarm Register
2'b10
R/W
10'h3ff
Channel 10 High Alarm Register
R/W
10'h000
Channel 10 Low Alarm Register
2'b11
R/W
10'h3ff
Channel 11 High Alarm Register
R/W
10'h000
Channel 11 Low Alarm Register
4'b1111
W
Group 3 Alarm Program Register
2'b00
R/W
10'h3ff
Channel 12 High Alarm Register
R/W
10'h000
Channel 12 Low Alarm Register
2'b01
R/W
10'h3ff
Channel 13 High Alarm Register
R/W
10'h000
Channel 13 Low Alarm Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com