Electronic Components Datasheet Search
  English  ▼

X  

ADRF5162 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5162
Description  High Power, 100 W Peak, Silicon SPDT, Reflective Switch, 0.4 GHz to 8 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5162 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5162 Datasheet HTML 1Page - Analog Devices ADRF5162 Datasheet HTML 2Page - Analog Devices ADRF5162 Datasheet HTML 3Page - Analog Devices ADRF5162 Datasheet HTML 4Page - Analog Devices ADRF5162 Datasheet HTML 5Page - Analog Devices ADRF5162 Datasheet HTML 6Page - Analog Devices ADRF5162 Datasheet HTML 7Page - Analog Devices ADRF5162 Datasheet HTML 8Page - Analog Devices ADRF5162 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
ADRF5162
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 11
Table 1. Electrical Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Insertion Loss Path
RF signal applied to the RFC or through connected
RF1/RF2
Average
45.5
dBm
Pulsed4
>100 ns pulse width, 15% duty cycle
48.5
dBm
Peak
≤100 ns peak duration, 5% duty cycle
50
dBm
Hot Switching
RF signal applied to the RFC
43
dBm
LTE Signal
TCASE = 105°C
Average
8.5 dB PAR, long-term (>10 years)
41.5
dBm
Average
8.5 dB PAR, single event (<10sec)
42.5
dBm
Case Temperature
TCASE
−40
+105
°C
1 For more details, see the Theory of Operation section.
2 For power derating over frequency, see Figure 2 and Figure 3.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C specifications by 3 dB.
4 For different pulsed conditions, contact Applications Support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com