Electronic Components Datasheet Search
  English  ▼

X  

ADRF5162 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5162
Description  High Power, 100 W Peak, Silicon SPDT, Reflective Switch, 0.4 GHz to 8 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5162 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5162 Datasheet HTML 1Page - Analog Devices ADRF5162 Datasheet HTML 2Page - Analog Devices ADRF5162 Datasheet HTML 3Page - Analog Devices ADRF5162 Datasheet HTML 4Page - Analog Devices ADRF5162 Datasheet HTML 5Page - Analog Devices ADRF5162 Datasheet HTML 6Page - Analog Devices ADRF5162 Datasheet HTML 7Page - Analog Devices ADRF5162 Datasheet HTML 8Page - Analog Devices ADRF5162 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
ADRF5162
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 11
For recommended operating conditions, see Table 1.
Table 2. Absolute Maximum Ratings
Parameter
Rating
Supply Voltage
Positive
−0.3 V to +3.6 V
Negative
−3.6 V to +0.3 V
Digital Control Input Voltage
Voltage
−0.3 V to VDD + 0.3 V
Current
3 mA
RF Input Power1 (f = 1 GHz to 5 GHz, TCASE = 85°C)
Insertion Loss Path
Average
46.0 dBm
Pulsed
49.0 dBm
Peak
50.5 dBm
Hot Switching
43.5 dBm
RF Power Under Unbiased Condition (VDD, VSS = 0 V)
Input at RFC
33 dBm
Input at RFx
27 dBm
Temperature
Junction (TJ)
135°C
Storage
−65°C to +150°C
Reflow
260°C
1 For power derating over frequency, see Figure 2 and Figure 3.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
Only one absolute maximum rating can be applied at a time.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction to the case bottom (channel to package bottom)
thermal resistance.
Table 3. Thermal Resistance
Package Type
θJC1
Unit
CP-24-22
8.6
°C/W
1 θJC was determined by simulation under the following conditions: the heat
transfer is due solely to the thermal conduction from the channel through the
ground pad to the PCB, and the ground pad is held constant at the operating
temperature of 85°C.
POWER DERATING CURVES
Figure 2. Power Derating vs. Frequency, Low Frequency Detail, TCASE = 85°C
Figure 3. Power Derating vs. Frequency, High Frequency Detail, TCASE = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com