Electronic Components Datasheet Search
  English  ▼

X  

ADRF5162 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5162
Description  High Power, 100 W Peak, Silicon SPDT, Reflective Switch, 0.4 GHz to 8 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5162 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5162 Datasheet HTML 3Page - Analog Devices ADRF5162 Datasheet HTML 4Page - Analog Devices ADRF5162 Datasheet HTML 5Page - Analog Devices ADRF5162 Datasheet HTML 6Page - Analog Devices ADRF5162 Datasheet HTML 7Page - Analog Devices ADRF5162 Datasheet HTML 8Page - Analog Devices ADRF5162 Datasheet HTML 9Page - Analog Devices ADRF5162 Datasheet HTML 10Page - Analog Devices ADRF5162 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Data Sheet
ADRF5162
THEORY OF OPERATION
analog.com
Rev. 0 | 9 of 11
The ADRF5162 integrates a driver to perform logic function inter-
nally and to provide the advantage of a simplified control interface.
The driver features a single control input pin, CTRL, that controls
the state of RF paths, determining which RF port is in insertion loss
state and which RF port is in isolation state (see Table 6).
POWER SUPPLY
The ADRF5162 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
minimize RF coupling.
The ideal power-up sequence is as follows:
1. Connect the ground.
2. Power up VDD and VSS. Power up VSS after VDD to avoid
current transients on VDD during ramp-up.
3. Power up the digital control inputs. Power the digital control
inputs before the VDD supply can inadvertently forward bias
and damage the internal ESD protection structures. To avoid
this damage, use a series 1 kΩ resistor to limit the current
flowing into the control pin. Use pull-up or pull-down resistors if
the controller output is in a high-impedance state after VDD is
powered up, and the control pins are not driven to a valid logic
state.
4. Apply an RF input signal.
5. The ideal power-down sequence is the reverse order of the
power-up sequence.
RF INPUT AND OUTPUT
All of the RF ports (RFC, RF1, and RF2) are DC-coupled to 0 V,
and no DC blocking is required at the RF ports when the RF line
potential is equal to 0 V.
The RF ports are internally matched to 50 Ω. Therefore, external
matching networks are not required.
The insertion loss path conducts the RF signal between the select-
ed RF throw port and the RF common port. The isolation path
provides high loss between the insertion loss path and the unselect-
ed RF throw port. The unselected RF port of the ADRF5162 is
reflective.
The switch design is bidirectional with equal power handling capa-
bilities. The RF input signal can be applied to the RFC port or the
selected RF throw port.
Table 6. Control Voltage Truth Table
Digital Control Input, VCTRL
RF Paths
RF1 to RFC
RF2 to RFC
Low
Insertion loss (on)
Isolation (off)
High
Isolation (off)
Insertion loss (on)
TIMING SPECIFICATIONS
When RF input power is greater than the maximum recommended
hot-switching power level, a wait time of tWAIT must be respected
after switching between RF throw ports (see Figure 13).
There is no wait time required if applying RF power levels lower
than or equal to the maximum recommended hot-switching power
level (see Table 1).
Figure 13. RF Input Power Wait Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com