Electronic Components Datasheet Search
  English  ▼

X  

ADRF5162 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5162
Description  High Power, 100 W Peak, Silicon SPDT, Reflective Switch, 0.4 GHz to 8 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5162 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5162 Datasheet HTML 3Page - Analog Devices ADRF5162 Datasheet HTML 4Page - Analog Devices ADRF5162 Datasheet HTML 5Page - Analog Devices ADRF5162 Datasheet HTML 6Page - Analog Devices ADRF5162 Datasheet HTML 7Page - Analog Devices ADRF5162 Datasheet HTML 8Page - Analog Devices ADRF5162 Datasheet HTML 9Page - Analog Devices ADRF5162 Datasheet HTML 10Page - Analog Devices ADRF5162 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Data Sheet
ADRF5162
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 10 of 11
The ADRF5162 has two power supply pins (VDD and VSS) and one
control pin (CTRL). Figure 14 shows the external components and
connections for supply and control pins.
The VDD and VSS pins are decoupled with 100 pF and 0.1 μF
multilayer ceramic capacitors, respectively, while the control pin is
decoupled with a 100 pF multilayer ceramic capacitor. The device
pinout allows the placement of the decoupling capacitors close to
the device. No other external components are needed for bias and
operation, except DC blocking capacitors on the RF pins when the
RF lines are biased at a voltage different than 0 V. For more details,
see the Pin Configuration and Function Descriptions section.
Figure 14. Recommended Schematic
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50 Ω internally and the pinout is
designed to mate a coplanar waveguide (CPWG) with 50 Ω charac-
teristic impedance on the PCB. Figure 15 shows the referenced
CPWG RF trace design for an RF substrate with 10 mil thick
Rogers RO4350 dielectric material. RF trace with 18 mil width
and 13 mil clearance is recommended for 2.8 mil finished copper
thickness.
Figure 15. Example PCB Stack-Up
Figure 16 shows the routing of the RF traces, supply, and control
signals from the device. The ground planes are connected with as
many filled, through vias as allowed for optimal RF, and thermal
performance. The primary thermal path for the device is the bottom
side. Therefore, a heatsink is required underneath the PCB to
ensure maximum heat dissipation and to reduce thermal rise on the
PCB during high-power applications.
Figure 16. PCB Routings
Figure 17 shows the recommended layout from the device RF pins
to the 50 Ω CPWG on the referenced stack-up. PCB pads are
drawn 1:1 to device pads. The ground pads are drawn soldermask
defined and the signal pads are drawn as pad defined. The RF
trace from the PCB pad is extended with the same width and
tapered to RF trace. The paste mask is also designed to match
the pad without any aperture reduction. The paste is divided into
multiple openings for the paddle.
Figure 17. Recommended RF Pin Transitions
For alternate PCB stack-ups with different dielectric thickness and
CPWG design, and for further recommendations, contact Analog
Devices Technical Support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com