Electronic Components Datasheet Search
  English  ▼

X  

MAX7377AXTP Datasheet(PDF) 3 Page - Analog Devices

Part # MAX7377AXTP
Description  Silicon Oscillator with Low-Power Frequency Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7377AXTP Datasheet(HTML) 3 Page - Analog Devices

  MAX7377AXTP Datasheet HTML 1Page - Analog Devices MAX7377AXTP Datasheet HTML 2Page - Analog Devices MAX7377AXTP Datasheet HTML 3Page - Analog Devices MAX7377AXTP Datasheet HTML 4Page - Analog Devices MAX7377AXTP Datasheet HTML 5Page - Analog Devices MAX7377AXTP Datasheet HTML 6Page - Analog Devices MAX7377AXTP Datasheet HTML 7Page - Analog Devices MAX7377AXTP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
(VCC = 5V, TA = +25°C, unless otherwise noted.)
DUTY CYCLE vs. TEMPERATURE
TEMPERATURE (ºC)
120
95
45
70
-5
20
-30
46
47
48
49
50
51
52
53
54
55
45
-55
CLOCK = 4MHz
DUTY CYCLE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.9
4.6
46
47
48
49
50
51
52
53
54
55
45
4.3
5.5
CLOCK = 32kHz
DUTY CYCLE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.9
4.6
46
47
48
49
50
51
52
53
54
55
45
4.3
5.5
CLOCK = 4MHz
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (ºC)
120
95
45
70
-5
20
-30
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
10.0
-55
CLOCK = 32kHz
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (ºC)
120
95
45
70
-5
20
-30
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.5
-55
CLOCK = 4MHz
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.9
4.6
0
5
10
15
20
25
30
4.3
5.5
CLOCK = 32kHz
DUTY CYCLE vs. TEMPERATURE
TEMPERATURE (ºC)
120
95
45
70
-5
20
-30
46
47
48
49
50
51
52
53
54
55
45
-55
CLOCK = 32kHz
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.9
4.6
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.5
4.3
5.5
CLOCK = 4MHz
FREQUENCY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.9
4.6
30.5
31.0
31.5
32.0
32.5
33.0
33.5
34.0
34.5
35.0
30.0
4.3
5.5
CLOCK = 32kHz
Analog Devices │ 3
www.analog.com
MAX7377
Silicon Oscillator with Low-Power
Frequency Switching
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com