Electronic Components Datasheet Search
  English  ▼

X  

MAX7377AXTP Datasheet(PDF) 7 Page - Analog Devices

Part # MAX7377AXTP
Description  Silicon Oscillator with Low-Power Frequency Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7377AXTP Datasheet(HTML) 7 Page - Analog Devices

  MAX7377AXTP Datasheet HTML 1Page - Analog Devices MAX7377AXTP Datasheet HTML 2Page - Analog Devices MAX7377AXTP Datasheet HTML 3Page - Analog Devices MAX7377AXTP Datasheet HTML 4Page - Analog Devices MAX7377AXTP Datasheet HTML 5Page - Analog Devices MAX7377AXTP Datasheet HTML 6Page - Analog Devices MAX7377AXTP Datasheet HTML 7Page - Analog Devices MAX7377AXTP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Note: For all other reset threshold options, contact factory.
Table 2. Standard Part Numbers
Table 1. Standard Frequencies
SUFFIX
STANDARD FREQUENCY (MHz)
MG
1
OK
1.8432
QT
3.39545
QW
3.6864
RD
4
RH
4.1943
TP
8
PART
PIN-PACKAGE
FREQUENCY (Hz)
TOP MARK
MAX7377AXMG
5 SOT23
1M
AENE
MAX7377AXOK
5 SOT23
1.8432M
AEND
MAX7377AXQT
5 SOT23
3.39545M
AEMY
MAX7377AXQW
5 SOT23
3.6864M
AEMZ
MAX7377AXRD
5 SOT23
4M
AFBJ
MAX7377AXRH
5 SOT23
4.1943M
AENB
MAX7377AXTP
5 SOT23
8M
AENC
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
5 SOT23
U5-2
21-0057
90-0174
CLOCK
OSC1
OSC2
µC
I/O PORT
VCC
SUPPLY VOLTAGE
E.C.
SPEED
MAX7377
www.analog.com
Analog Devices │ 7
MAX7377
Silicon Oscillator with Low-Power
Frequency Switching
Typical Application Circuit
Chip Information
PROCESS: BiCMOS
Package Information
For the latest package outline information and land patterns (foot-
prints), go to
www.maximintegrated.com/packages. Note that
a “+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com