Electronic Components Datasheet Search
  English  ▼

X  

MAX7377AXTP Datasheet(PDF) 1 Page - Analog Devices

Part # MAX7377AXTP
Description  Silicon Oscillator with Low-Power Frequency Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7377AXTP Datasheet(HTML) 1 Page - Analog Devices

  MAX7377AXTP Datasheet HTML 1Page - Analog Devices MAX7377AXTP Datasheet HTML 2Page - Analog Devices MAX7377AXTP Datasheet HTML 3Page - Analog Devices MAX7377AXTP Datasheet HTML 4Page - Analog Devices MAX7377AXTP Datasheet HTML 5Page - Analog Devices MAX7377AXTP Datasheet HTML 6Page - Analog Devices MAX7377AXTP Datasheet HTML 7Page - Analog Devices MAX7377AXTP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX7377 dual-speed silicon oscillator with reset is
a replacement for ceramic resonators, crystals, crystal
oscillator modules, and discrete reset circuits. The device
provides the primary and secondary clock source for
microcontrollers in 3V, 3.3V, and 5V applications. The
MAX7377 features a factory-programmed high-speed
oscillator, a 32.768kHz oscillator, and a clock selec-
tor input. The clock output can be switched at any time
between the high-speed clock and the 32.768kHz clock
for low-power operation. Switchover is synchronized inter-
nally to provide glitch-free clock switching.
Unlike typical crystal and ceramic resonator oscillator
circuits, the MAX7377 is resistant to vibration and EMI.
The high-output-drive current and absence of high-
impedance nodes make the oscillator less susceptible to
dirty or humid operating conditions. With a wide operating
temperature range as standard, the MAX7377 is a good
choice for demanding home appliance and industrial
environments.
The MAX7377 is available in factory-programmed fre-
quencies from 32.768kHz to 10MHz. See Table 1 for
standard frequencies and contact the factory for custom
frequencies.
The MAX7377 is available in a 5-pin SOT23 package.
Refer to the MAX7383 data sheet for frequencies ≥10MHz.
The MAX7377 standard operating temperature range is
-40°C to +125°C. See the Applications Information sec-
tion for the extended operating temperature range.
Applications
● White Goods
● Consumer Products
● Appliances and Controls
● Handheld Products
● Portable Equipment
● Microcontroller Systems
Features
● 2.7V to 5.5V Operation
● Accurate High-Speed 600kHz to 10MHz Oscillator
● Accurate Low-Speed 32kHz Oscillator
● Glitch-Free Switch Between High Speed and Low
Speed at Any Time
● ±10mA Clock-Output Drive Capability
● 2% Initial Accuracy
● ±50ppm/°C Temperature Coefficient
● 50% Duty Cycle
● 5ns Output Rise and Fall Time
● Low Jitter: 160ps(P-P) at 8MHz (No PLL)
● 3mA Fast-Mode Operating Current (8MHz)
● 13μA Slow-Mode Operating Current (32kHz)
● -40°C to +125°C Temperature Range
Typical Application Circuit appears at end of data sheet.
19-3474; Rev 4; 1/21
The first two letters are AX. See Table 1 at the end of the data
sheet for the two-letter code.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX7377AX_ _-T
-40°C to +125°C 5 SOT23-5
U5-2
GND
VCC
SPEED
1
5 E.C.
CLOCK
SOT23
TOP VIEW
2
3
4
MAX7377
Silicon Oscillator with Low-Power
Frequency Switching
MAX7377
Evaluation Kit
Available
Design
Resources
Tools
and Models
Support
One Analog Way, Wilmington, MA 01887 U.S.A. |
Tel: 781.329.4700
|
© 2021 Analog Devices, Inc. All rights reserved.
© 2021 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
Click here to ask an associate for production status of specific part numbers.
Pin Configuration
Ordering Information


Similar Part No. - MAX7377AXTP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7377AX__-T MAXIM-MAX7377AX__-T Datasheet
1Mb / 8P
Silicon Oscillator with Low-Power Frequency Switching
2021
More results

Similar Description - MAX7377AXTP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7378 MAXIM-MAX7378 Datasheet
619Kb / 10P
Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 7/04
MAX7377 MAXIM-MAX7377 Datasheet
615Kb / 9P
Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 10/04
MAX7383 MAXIM-MAX7383 Datasheet
219Kb / 8P
Silicon Oscillator with Low-Power Frequency Switching
Rev 0; 1/05
MAX7384 MAXIM-MAX7384 Datasheet
732Kb / 9P
Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 11/04
logo
Jauch Quartz Gmbh
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
logo
Maxim Integrated Produc...
MAX7377 MAXIM-MAX7377_V01 Datasheet
1Mb / 8P
Silicon Oscillator with Low-Power Frequency Switching
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com