Electronic Components Datasheet Search
  English  ▼

X  

MAX7377AXTP Datasheet(PDF) 5 Page - Analog Devices

Part # MAX7377AXTP
Description  Silicon Oscillator with Low-Power Frequency Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX7377AXTP Datasheet(HTML) 5 Page - Analog Devices

  MAX7377AXTP Datasheet HTML 1Page - Analog Devices MAX7377AXTP Datasheet HTML 2Page - Analog Devices MAX7377AXTP Datasheet HTML 3Page - Analog Devices MAX7377AXTP Datasheet HTML 4Page - Analog Devices MAX7377AXTP Datasheet HTML 5Page - Analog Devices MAX7377AXTP Datasheet HTML 6Page - Analog Devices MAX7377AXTP Datasheet HTML 7Page - Analog Devices MAX7377AXTP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
(VCC = 5V, TA = +25°C, unless otherwise noted.)
Detailed Description
The MAX7377 is a dual-speed clock generator for micro-
controllers (μCs) and UARTs in 3V, 3.3V, and 5V applica-
tions (Figure 1). The MAX7377 is a replacement for two
crystal oscillator modules, crystals, or ceramic resonators.
The high-speed clock frequency is factory trimmed to
specific values. A variety of popular standard frequencies
are available. The low-speed clock frequency is fixed
at 32.768kHz (Table 1). No external components are
required for setting or adjusting the frequency.
Supply Voltage
The MAX7377 has been designed for use in systems with
nominal supply voltages of 3V, 3.3V, or 5V and is speci-
fied for operation with supply voltages in the 2.7V to 5.5V
range. See the Absolute Maximum Ratings section for
limit values of power-supply and pin voltages.
Oscillator
The clock output is a push-pull configuration and is
capable of driving a ground-connected 500Ω or a positive-
supply-connected 250Ω load to within 400mV of either
supply rail. The clock output remains stable over the full
operating voltage range and does not generate short out-
put cycles when switching between high- and low-speed
modes. A typical startup characteristic is shown in the
Typical Operating Characteristics.
Clock-Speed Select Input
The MAX7377 uses a logic input pin, SPEED, to set clock
speed. Take this pin low to select slow clock speed (nomi-
nally 32.768kHz) or high to select full clock speed. The
SPEED input can be strapped to VCC or to GND to select
fast or slow clock speed, or connected to a logic output
(such as a processor port) used to change clock speed
on the fly. If the SPEED input is connected to a processor
PIN
NAME
FUNCTION
1
CLOCK
Push-Pull Clock Output
2
GND
Ground
3
SPEED
Clock-Speed Select Input. Drive SPEED low to select the 32kHz fixed frequency. Drive SPEED high to
select factory-trimmed frequency.
4
VCC
Positive Supply Voltage. Bypass VCC to GND with a 0.1µF capacitor.
5
E.C.
Externally Connected. Must be externally connected to VCC.
20µs/div
MAX7377 toc18
LOW-SPEED TO HIGH-SPEED
TRANSITION
CLOCK
SPEED
400ns/div
MAX7377 toc19
LOW-SPEED TO HIGH-SPEED
TRANSISTION (EXPANDED SCALE)
www.analog.com
Analog Devices │ 5
MAX7377
Silicon Oscillator with Low-Power
Frequency Switching
Typical Operating Characteristics (continued)
Pin Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com