Electronic Components Datasheet Search
  English  ▼

X  

LTC6907 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC6907
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6907 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC6907 Datasheet HTML 2Page - Analog Devices LTC6907 Datasheet HTML 3Page - Analog Devices LTC6907 Datasheet HTML 4Page - Analog Devices LTC6907 Datasheet HTML 5Page - Analog Devices LTC6907 Datasheet HTML 6Page - Analog Devices LTC6907 Datasheet HTML 7Page - Analog Devices LTC6907 Datasheet HTML 8Page - Analog Devices LTC6907 Datasheet HTML 9Page - Analog Devices LTC6907 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC6991
6
Rev. D
For more information www.analog.com
Supply Current vs RSET
RST Threshold Voltage
vs Supply Voltage
Typical ISET Current Limit vs V+
Supply Current vs Supply Voltage
Supply Current vs Temperature
Supply Current
vs RST Pin Voltage
Reset Propagation Delay (tRST)
vs Supply Voltage
Rise and Fall Time
vs Supply Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
V+ = 3.3V, RSET = 200k, TA = 25°C unless otherwise noted.
SUPPLY VOLTAGE (V)
2
0
25
50
75
100
125
150
3
4
5
6
6991 G10
RSET = 50k
RSET = 100k
RSET = 200k
RSET = 800k
TEMPERATURE (°C)
–50
100
125
150
25
75
6991 G11
75
50
–25
0
50
100
125
25
0
5V, RSET = 100k
2.5V, RSET = 100k
2.5V, RSET = 800k
5V, RSET = 800k
VRST/V+ (V/V)
0
150
200
250
0.8
6991 G12
100
50
0
0.2
0.4
0.6
1.0
5V
RST FALLING
5V
RST RISING
3.3V
RST FALLING
3.3V
RST RISING
RSET = 800k
RSET (k)
0
0
25
50
75
100
125
150
200
400
600
800
6991 G13
V+ = 5V
V+ = 3.3V
V+ = 2.5V
SUPPLY VOLTAGE (V)
6991 G15
1000
400
800
200
600
0
2
4
3
5
6
SET PIN SHORTED TO GND
SUPPLY VOLTAGE (V)
6991 G14
3.5
1.0
2.0
3.0
0.5
1.5
2.5
0
2
4
3
5
6
POSITIVE-GOING
NEGATIVE-GOING
SUPPLY VOLTAGE (V)
2
0
5
15
20
25
50
35
3
4
6991 G16
10
40
45
30
5
6
CLOAD = 5pF
SUPPLY VOLTAGE (V)
6991 G17
3.0
1.5
2.5
1.0
0.5
2.0
0
2
4
3
5
6
CLOAD = 5pF
tRISE
tFALL
Typical Frequency Error
vs Time (Long-Term Drift)
TIME (h)
6991 G17a
50
0
150
–150
–100
–50
100
200
–200
0
1200
400 800
1600 2000 2400 2800
65 UNITS
SOT-23 AND DFN PARTS
TA = 30°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com