Electronic Components Datasheet Search
  English  ▼

X  

LTC6907 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC6907
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6907 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC6907 Datasheet HTML 6Page - Analog Devices LTC6907 Datasheet HTML 7Page - Analog Devices LTC6907 Datasheet HTML 8Page - Analog Devices LTC6907 Datasheet HTML 9Page - Analog Devices LTC6907 Datasheet HTML 10Page - Analog Devices LTC6907 Datasheet HTML 11Page - Analog Devices LTC6907 Datasheet HTML 12Page - Analog Devices LTC6907 Datasheet HTML 13Page - Analog Devices LTC6907 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC6991
10
Rev. D
For more information www.analog.com
OPERATION
Table 1. DIVCODE Programming
DIVCODE
POL
NDIV
RECOMMENDED tOUT
R1 (kΩ)
R2 (kΩ)
VDIV/V+
0
0
1
1.024ms to 16.384ms
Open
Short
≤0.03125 ±0.015
1
0
8
8.192ms to 131ms
976
102
0.09375 ±0.015
2
0
64
65.5ms to 1.05sec
976
182
0.15625 ±0.015
3
0
512
524ms to 8.39sec
1000
280
0.21875 ±0.015
4
0
4,096
4.19sec to 67.1sec
1000
392
0.28125 ±0.015
5
0
32,768
33.6sec to 537sec
1000
523
0.34375 ±0.015
6
0
262,144
268sec to 4,295sec
1000
681
0.40625 ±0.015
7
0
2,097,152
2,147sec to 34,360sec
1000
887
0.46875 ±0.015
8
1
2,097,152
2,147sec to 34,360sec
887
1000
0.53125 ±0.015
9
1
262,144
268sec to 4,295sec
681
1000
0.59375 ±0.015
10
1
32,768
33.6sec to 537sec
523
1000
0.65625 ±0.015
11
1
4,096
4.19sec to 67.1sec
392
1000
0.71875 ±0.015
12
1
512
524ms to 8.39sec
280
1000
0.78125 ±0.015
13
1
64
65.5ms to 1.05sec
182
976
0.84375 ±0.015
14
1
8
8.192ms to 131ms
102
976
0.90625 ±0.015
15
1
1
1.024ms to 16.384ms
Short
Open
≥0.96875 ±0.015
0.5•V+
6991 F02
1000
10000
100
10
1
0.001
0.1
0.01
INCREASING VDIV
V+
0V
POL BIT = 0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
POL BIT = 1
Figure 2. Frequency Range and POL Bit vs DIVCODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com