Electronic Components Datasheet Search
  English  ▼

X  

LTC6907 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC6907
Description  TimerBlox: Resettable, Low Frequency Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6907 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC6907 Datasheet HTML 10Page - Analog Devices LTC6907 Datasheet HTML 11Page - Analog Devices LTC6907 Datasheet HTML 12Page - Analog Devices LTC6907 Datasheet HTML 13Page - Analog Devices LTC6907 Datasheet HTML 14Page - Analog Devices LTC6907 Datasheet HTML 15Page - Analog Devices LTC6907 Datasheet HTML 16Page - Analog Devices LTC6907 Datasheet HTML 17Page - Analog Devices LTC6907 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC6991
14
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Basic Operation
The simplest and most accurate method to program the
LTC6991 is to use a single resistor, RSET, between the SET
and GND pins. The design procedure is a 3-step process.
First select the POL bit setting and NDIV value, then cal-
culate the value for the RSET resistor.
Alternatively, Analog Devices offers the easy to use
TimerBlox Designer tool to quickly design any LTC6991
based circuit. Use the LTC6991: Low Frequency Oscillator
Web-Based Design Tool.
Step 1: Select the POL Bit Setting
The LTC6991 can operate in normal (active-high) or
inverted (active-low) modes, depending on the set-
ting of the POL bit. The best choice depends on the the
application.
Step 2: Select the NDIV Frequency Divider Value
As explained earlier, the voltage on the DIV pin sets the
DIVCODE which determines both the POL bit and the NDIV
value. For a given output clock period, NDIV should be
selected to be within the following range.
tOUT
16.384ms
≤ NDIV ≤
tOUT
1.024ms
(1)
To minimize supply current, choose the lowest NDIV value
(generally recommended). Alternatively, use Table  1
as a guide to select the best NDIV value for the given
application.
With POL already chosen, this completes the selection of
DIVCODE. Use Table 1 to select the proper resistor divider
or VDIV/V+ ratio to apply to the DIV pin.
Step 3: Calculate and Select RSET
The final step is to calculate the correct value for RSET
using the following equation.
RSET =
50k
1.024ms
•
tOUT
NDIV
(2)
Select the standard resistor value closest to the calculated
value.
Example: Design a 1Hz oscillator with minimum power
consumption and active-high reset input.
Step 1: Select the POL Bit Setting
For noninverted (active-high) functionality, choose
POL = 0.
Step 2: Select the NDIV Frequency Divider Value
Choose an NDIV value that meets the requirements of
Equation (1), using tOUT = 1000ms:
61.04 ≤ NDIV ≤ 976.6
Potential settings for NDIV include 64 and 512. NDIV =
64 is the best choice, as it minimizes supply current
by using a large RSET resistor. POL = 0 and NDIV = 64
requires DIVCODE = 2. Using Table 1, choose R1 = 976k
and R2 = 182k values to program DIVCODE = 2.
Step 3: Select RSET
Calculate the correct value for RSET using Equation (2).
RSET =
50k
1.024ms
•
1000ms
64
= 763k
Since 763k is not available as a standard 1% resistor,
substitute 768k if a –0.7% frequency shift is acceptable.
Otherwise, select a parallel or series pair of resistors such
as 576k + 187k to attain a more precise resistance.
The completed design is shown in Figure 11.
DIVCODE = 2
6991 F11
LTC6991
RST
GND
SET
RST
OUT
V+
DIV
R1
976k
R2
182k
RSET
763k
2.25V TO 5.5V
Figure 11. 1Hz Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com