Electronic Components Datasheet Search
  English  ▼

X  

EPR-31 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # EPR-31
Description  Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-31 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button EPR-31 Datasheet HTML 26Page - Power Integrations, Inc. EPR-31 Datasheet HTML 27Page - Power Integrations, Inc. EPR-31 Datasheet HTML 28Page - Power Integrations, Inc. EPR-31 Datasheet HTML 29Page - Power Integrations, Inc. EPR-31 Datasheet HTML 30Page - Power Integrations, Inc. EPR-31 Datasheet HTML 31Page - Power Integrations, Inc. EPR-31 Datasheet HTML 32Page - Power Integrations, Inc. EPR-31 Datasheet HTML 33Page - Power Integrations, Inc. EPR-31 Datasheet HTML 34Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
EPR-31 – Multi Output, 180 W, PC Main Power Supply
01-Feb-05
Figure 25
− TOP249 Drain Switching Waveform,
+5 V at 8 A, +3.3 V at 8 A, +12 V at
9 A, 110 VAC Input.
Figure 26
− 110 VAC Applied Line Terminated
with Following Loads: +5 V at 13 A,
+3.3 V at 6 A, +12 V at 8 A.
Figure 27 – Drain Switching Voltage of TNY266
(PC Standby). 230 VAC Input, +5 V
Standby Output Loaded to 1.5 A.
Figure 28 – +5 V (Main) Step Load (2 A to 8 A),
Max Continuous Load on Other
Outputs.
Figure 29
− +3.3 V Step Load 6 A to 12 A.
Figure 30
− +5 V Standby Step Load
0.3 A to 1.5 A.
Page 30 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com