Electronic Components Datasheet Search
  English  ▼

X  

EPR-31 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-31
Description  Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-31 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-31 Datasheet HTML 13Page - Power Integrations, Inc. EPR-31 Datasheet HTML 14Page - Power Integrations, Inc. EPR-31 Datasheet HTML 15Page - Power Integrations, Inc. EPR-31 Datasheet HTML 16Page - Power Integrations, Inc. EPR-31 Datasheet HTML 17Page - Power Integrations, Inc. EPR-31 Datasheet HTML 18Page - Power Integrations, Inc. EPR-31 Datasheet HTML 19Page - Power Integrations, Inc. EPR-31 Datasheet HTML 20Page - Power Integrations, Inc. EPR-31 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
01-Feb-05
EPR-31 – Multi-Output, 180 W, PC Main Power Supply
7
Transformer Specification
7.1
180 W Forward Transformer
7.1.1 Electrical Diagram
2
1
3
4
11, 12
40T
#26
6T
3 x #30
4T
2 x #20
3T
Ribbon
8, 9, 10
14
12 V
5 V
RTN
13
Figure 10 – 180 W Forward Transformer Electrical Diagram.
7.1.2 Electrical Specifications
Electrical Strength
1 minute, 60 Hz, from Pins 1-7 to Pins 10-14
3000 VAC
Primary Inductance
All windings open
3.0 mH or Higher
Resonant Frequency
All windings open
0.2 MHz (Min.)
Primary Leakage Inductance
Across pins 1–2, with Pins 8,9,10–11,12 3–4, and
13–14 shorted, measured at 100 kHz, 0.4 VRMS
8
µH (Max.)
7.1.3 Materials
Item
Description
[1]
Core: PC40 EER28L–Z (TOK)
[2]
Jinn Bo Bobbins: #JB-0039
[3]
Magnet Wire: #26 AWG Heavy Nyleze
[4]
Magnet Wire: #30 AWG Heavy Nyleze
[5]
Magnet Wire: #20 AWG Heavy Nyleze
[6]
Copper ribbon (foil) 0.670” wide x 0.008” thick
[7]
Tape: 3M 1298 Polyester Film (white) 21.8 mm wide by 2.2 mils thick
[8]
Tape: 3M 1298 Polyester Film (white) 15.8 mm wide by 2.2 mils thick
[9]
Tape: 3M 44 Margin tape (cream) 3.0 mm wide by 5.5 mils thick
Page 17 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com