Electronic Components Datasheet Search
  English  ▼

X  

EPR-31 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # EPR-31
Description  Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-31 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button EPR-31 Datasheet HTML 17Page - Power Integrations, Inc. EPR-31 Datasheet HTML 18Page - Power Integrations, Inc. EPR-31 Datasheet HTML 19Page - Power Integrations, Inc. EPR-31 Datasheet HTML 20Page - Power Integrations, Inc. EPR-31 Datasheet HTML 21Page - Power Integrations, Inc. EPR-31 Datasheet HTML 22Page - Power Integrations, Inc. EPR-31 Datasheet HTML 23Page - Power Integrations, Inc. EPR-31 Datasheet HTML 24Page - Power Integrations, Inc. EPR-31 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
01-Feb-05
EPR-31 – Multi-Output, 180 W, PC Main Power Supply
7.2.4 Transformer Build Diagram
Secondary
Primary
7
5
1
2
10
8
Figure 15 – 10 W PC Standby Transformer Build Diagram.
7.2.5 Transformer Construction
Primary Layer
Start at Pin 7. Wind 158 turns of item [3] from left to right, then
from right to left until done. It takes about 3¼ layers. Apply 1
layer of tape, item [5], between each winding layer for basic
insulation. Finish the wiring on Pin 5.
Basic Insulation
1 layer of tape [6] for insulation.
Bias Winding
Start at pin 10. Wind 17 turns of item [5] from left to right.
Finish on pin 8.
Basic Insulation
1 Layer of tape [6] for insulation.
Secondary Winding
Start at Pin 1. Wind 7 bifilar turns of item [4] from left to right.
Wind uniformly in a single layer across entire width of bobbin.
Finish on Pin 2.
Outer Insulation
3 Layers of tape [6] for insulation.
Final Assembly
Assemble and secure core halves. Dip varnish uniformly [7].
Page 21 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com