Electronic Components Datasheet Search
  English  ▼

X  

EPR-31 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # EPR-31
Description  Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-31 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  EPR-31 Datasheet HTML 1Page - Power Integrations, Inc. EPR-31 Datasheet HTML 2Page - Power Integrations, Inc. EPR-31 Datasheet HTML 3Page - Power Integrations, Inc. EPR-31 Datasheet HTML 4Page - Power Integrations, Inc. EPR-31 Datasheet HTML 5Page - Power Integrations, Inc. EPR-31 Datasheet HTML 6Page - Power Integrations, Inc. EPR-31 Datasheet HTML 7Page - Power Integrations, Inc. EPR-31 Datasheet HTML 8Page - Power Integrations, Inc. EPR-31 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
EPR-31 – Multi Output, 180 W, PC Main Power Supply
01-Feb-05
Table Of Contents
1
Introduction.................................................................................................... 3
2
Power Supply Specification ........................................................................... 4
3
Schematic...................................................................................................... 5
4
Circuit Description ......................................................................................... 8
5
PCB Layout ................................................................................................. 10
5.1
Assembly Diagram ............................................................................... 10
5.2
Top View .............................................................................................. 12
6
Bill Of Materials ........................................................................................... 14
6.1
Main Board Bill of Materials.................................................................. 14
6.2
Control Board Bill of Materials .............................................................. 16
7
Transformer Specification............................................................................ 17
7.1
180 W Forward Transformer ................................................................ 17
7.1.1
Electrical Diagram ......................................................................... 17
7.1.2
Electrical Specifications................................................................. 17
7.1.3
Materials........................................................................................ 17
7.1.4
Transformer Build Diagram ........................................................... 18
7.1.5
Transformer Construction.............................................................. 18
7.2
10 W PC Standby Transformer ............................................................ 20
7.2.1
Electrical Diagram ......................................................................... 20
7.2.2
Electrical Specifications................................................................. 20
7.2.3
Materials........................................................................................ 20
7.2.4
Transformer Build Diagram ........................................................... 21
7.2.5
Transformer Construction.............................................................. 21
7.3
Output Coupled Inductor ...................................................................... 22
7.3.1
Toroid Layout ................................................................................ 22
7.3.2
Electrical Diagram ......................................................................... 22
7.3.3
Inductances................................................................................... 22
7.4
Mag Amp Inductor ................................................................................ 23
7.4.1
Core Specifications ....................................................................... 23
7.4.2
Winding Instructions ...................................................................... 23
8
Transformer Spreadsheets .......................................................................... 24
9
Performance Data ....................................................................................... 27
9.1
Efficiency and Regulation ..................................................................... 27
10
Thermal Performance .............................................................................. 28
11
Waveforms............................................................................................... 29
12
Output Ripple Measurements .................................................................. 31
12.1
Ripple Measurement Technique........................................................... 31
12.2
Measurement Results .......................................................................... 32
13
Conducted EMI ........................................................................................ 33
14
Revision History ....................................................................................... 34
Important Note:
Although this circuit board has been designed to meet safety isolation requirements, the
engineering prototype has not been agency approved. Therefore, all testing should be
performed using an isolation transformer to provide the AC input to the prototype board.
Page 2 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com