Electronic Components Datasheet Search
  English  ▼

X  

EPR-33 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # EPR-33
Description  Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-33 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  EPR-33 Datasheet HTML 1Page - Power Integrations, Inc. EPR-33 Datasheet HTML 2Page - Power Integrations, Inc. EPR-33 Datasheet HTML 3Page - Power Integrations, Inc. EPR-33 Datasheet HTML 4Page - Power Integrations, Inc. EPR-33 Datasheet HTML 5Page - Power Integrations, Inc. EPR-33 Datasheet HTML 6Page - Power Integrations, Inc. EPR-33 Datasheet HTML 7Page - Power Integrations, Inc. EPR-33 Datasheet HTML 8Page - Power Integrations, Inc. EPR-33 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
28-Mar-2003
EPR-33 – 45 W External Adapter Supply
Page 5 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
2
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
90
265
VAC
3 Wire
Frequency
fLINE
47
50/60
64
Hz
No-load Input Power (230 VAC)
0.3
W
Measured at 230 VAC, 60 Hz
Output
Output Voltage 1
VOUT1
11.5
12.00
12.6
V
±5%
Output Ripple Voltage 1
VRIPPLE1
120
mV
20 MHz Bandwidth
Output Current 1
IOUT1
0.0
3.75
A
Total Output Power
Continuous Output Power
POUT
45
W
Peak Output Power
POUT_PEAK
45
W
Efficiency
η
83
%
Measured at POUT (45 W), 25
°C
Environmental
Conducted EMI
Meets CISPR22B / EN55022B
Safety
Designed to meet IEC950,
UL1950 Class II
Surge
3
kV
1.2/50
µs surge, IEC 1000-4-5,
12
Ω series impedance,
differential and common mode
Surge
3
kV
100 kHz ring wave, 500 A short
circuit current, differential and
common mode
Ambient Temperature
TAMB
0
50
°C
Free convection, sea level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com