Electronic Components Datasheet Search
  English  ▼

X  

EPR-33 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # EPR-33
Description  Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-33 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button EPR-33 Datasheet HTML 19Page - Power Integrations, Inc. EPR-33 Datasheet HTML 20Page - Power Integrations, Inc. EPR-33 Datasheet HTML 21Page - Power Integrations, Inc. EPR-33 Datasheet HTML 22Page - Power Integrations, Inc. EPR-33 Datasheet HTML 23Page - Power Integrations, Inc. EPR-33 Datasheet HTML 24Page - Power Integrations, Inc. EPR-33 Datasheet HTML 25Page - Power Integrations, Inc. EPR-33 Datasheet HTML 26Page - Power Integrations, Inc. EPR-33 Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
28-Mar-2003
EPR-33 – 45 W External Adapter Supply
Page 23 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
11.5
Output Ripple Measurements
11.5.1 Ripple Measurement Technique
For DC output ripple measurements, a modified oscilloscope test probe must be utilized
in order to reduce spurious signals due to pickup. Details of the probe modification are
provided in Figure 24 and Figure 25.
The 5125BA probe adapter is affixed with two capacitors tied in parallel across the probe
tip. The capacitors include one (1) 0.1
µF/50 V ceramic type and one (1) 1.0 µF/50 V
aluminum electrolytic.
The aluminum electrolytic type capacitor is polarized, so
proper polarity across DC outputs must be maintained (see below).
Figure 24 - Oscilloscope Probe Prepared for Ripple Measurement
(End Cap and Ground Lead Removed).
Figure 25 - Oscilloscope Probe with Probe Master 5125BA BNC Adapter
(Modified with wires for probe ground for ripple measurement
and two parallel decoupling capacitors added).
Probe Ground
Probe Tip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com