Electronic Components Datasheet Search
  English  ▼

X  

EPR-33 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # EPR-33
Description  Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-33 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  EPR-33 Datasheet HTML 1Page - Power Integrations, Inc. EPR-33 Datasheet HTML 2Page - Power Integrations, Inc. EPR-33 Datasheet HTML 3Page - Power Integrations, Inc. EPR-33 Datasheet HTML 4Page - Power Integrations, Inc. EPR-33 Datasheet HTML 5Page - Power Integrations, Inc. EPR-33 Datasheet HTML 6Page - Power Integrations, Inc. EPR-33 Datasheet HTML 7Page - Power Integrations, Inc. EPR-33 Datasheet HTML 8Page - Power Integrations, Inc. EPR-33 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Power Integrations, Inc.
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Title
Engineering Prototype Report for EP-33 –
45 W LCD Monitor External Power Supply
using TOP247Y (
TOPSwitch-GX)
Specification
90 - 265 VAC Input, 12 V, 3.75 A, 45 W
Output
Applications
LCD Monitor / TV and Generic
External Adapter
Author
Power Integrations Applications Department
Document
Number
EPR-33
Date
28-Mar-03
Revision
1.0
Features
• High efficiency (>79% at end of cord, >83% at supply output)
• Low zero load power consumption (< 0.25 W at 115 VAC, < 0.3 W at 230 VAC)
• <1 W input power at 0.5 W load
• Meets FCC part 15B and CISPR22 conducted EMI with margin even with output
RTN connected to protective earth ground
• Design tailored to meet typical LCD monitor external supply specifications
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and
foreign patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents
may be found at www.powerint.com.


Similar Part No. - EPR-33

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-31 POWERINT-EPR-31 Datasheet
1,014Kb / 36P
Engineering Prototype Report for EP-31 Multiple Output 180 W AC-DC Power
EPR-32 POWERINT-EPR-32 Datasheet
2Mb / 36P
Engineering Prototype Report for EP-32 − TOPSwitch-GX 25 W Multiple Output DVD, Set-top Box Power Supply Using TOP245P
EPR-34 POWERINT-EPR-34 Datasheet
935Kb / 28P
Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
More results

Similar Description - EPR-33

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EPR-000013 POWERINT-EPR-000013 Datasheet
1Mb / 56P
Engineering Prototype Report (EP13) 43 W / 57 W pk, 5 Output TOPSwitch??GX (TOP246Y) Power Supply
EPR-16 POWERINT-EPR-16 Datasheet
1Mb / 36P
Engineering Prototype Report for EP-16 2.75 W Charger/Adapter Using LNK501
EPR-18 POWERINT-EPR-18 Datasheet
1Mb / 28P
Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
EPR-29 POWERINT-EPR-29 Datasheet
2Mb / 36P
Engineering Prototype Report for EP-29 - Multiple Output 11 W (15.5 W peak) AC-DC Power Supply using TNY268P
EPR-32 POWERINT-EPR-32 Datasheet
2Mb / 36P
Engineering Prototype Report for EP-32 − TOPSwitch-GX 25 W Multiple Output DVD, Set-top Box Power Supply Using TOP245P
EPR-34 POWERINT-EPR-34 Datasheet
935Kb / 28P
Engineering Prototype Report for EP 34 - Single Output 30 W AC-DC Power Supply
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
EPR-85 POWERINT-EPR-85 Datasheet
2Mb / 32P
Engineering Prototype Report for EP 85 - 2 W Charger using LinkSwitch-LP
EPR-91 POWERINT-EPR-91 Datasheet
712Kb / 36P
Engineering Prototype Report for EP-91 - 12 W Power Supply using
EPR-93 POWERINT-EPR-93 Datasheet
552Kb / 40P
Engineering Prototype Report for EP 93 - 32 W/81 W Peak Supply Using PeakSwitch- (PKS606Y)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com