Electronic Components Datasheet Search
  English  ▼

X  

EPR-33 Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # EPR-33
Description  Engineering Prototype Report for EP 33 - 45 W LCD Monitor External Power Supply using TOP247Y (TOPSwitch-GX)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-33 Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button EPR-33 Datasheet HTML 18Page - Power Integrations, Inc. EPR-33 Datasheet HTML 19Page - Power Integrations, Inc. EPR-33 Datasheet HTML 20Page - Power Integrations, Inc. EPR-33 Datasheet HTML 21Page - Power Integrations, Inc. EPR-33 Datasheet HTML 22Page - Power Integrations, Inc. EPR-33 Datasheet HTML 23Page - Power Integrations, Inc. EPR-33 Datasheet HTML 24Page - Power Integrations, Inc. EPR-33 Datasheet HTML 25Page - Power Integrations, Inc. EPR-33 Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
EPR-33 – 45 W External Adapter Supply
28-Mar-2003
Page 22 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
11.4
Load Transient Response (75% to 100% Load Step)
In the figures shown below, signal averaging was used to better enable viewing the load
transient response.
The oscilloscope was triggered using the load current step as a
trigger source. Since the output switching and line frequency occur essentially at random
with respect to the load transient, contributions to the output ripple from these sources
will average out, leaving the contribution only from the load step response.
Figure 20 - 115 VAC Transient Response.
75%-100%-75% Load Step.
Top: Load Current, 2 A/div.
Bottom: Voltage at Supply Output
100 mV, 500
µs/div.
Figure 21 - 230 VAC Transient Response.
75%-100%-75% Load Step.
Top: Load Current, 2 A/div.
Bottom: Voltage at Supply Output
100 mV, 1 ms/div.
Figure 22 - 115 VAC Transient Response.
75%-100%-75% Load Step
at End of Cable.
Top: Load Current, 2 A/div.
Bottom: Voltage at End of Cable
100 mV, 500
µs/div.
Figure 23 - 230 VAC Transient Response
75%-100%-75% Load Step
at End of Cable.
Top: Load Current, 2 A/div.
Bottom: Voltage at End of Cable
100 mV, 1 ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com