Electronic Components Datasheet Search
  English  ▼

X  

LD9162KGS Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD9162KGS
Description  Primary Side Quasi-Resonant Controller with MOSFET Integrated
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9162KGS Datasheet(HTML) 4 Page - Leadtrend Technology

  LD9162KGS Datasheet HTML 1Page - Leadtrend Technology LD9162KGS Datasheet HTML 2Page - Leadtrend Technology LD9162KGS Datasheet HTML 3Page - Leadtrend Technology LD9162KGS Datasheet HTML 4Page - Leadtrend Technology LD9162KGS Datasheet HTML 5Page - Leadtrend Technology LD9162KGS Datasheet HTML 6Page - Leadtrend Technology LD9162KGS Datasheet HTML 7Page - Leadtrend Technology LD9162KGS Datasheet HTML 8Page - Leadtrend Technology LD9162KGS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LD9162K
03/10/2021
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9162K-DS-00 March 2021
Absolute Maximum Ratings
Supply Voltage VCC
32V
DRAIN
-0.3V~650V
FB, CS
-0.3V~6.0V
Maximum Junction Temperature
150
C
Storage Temperature Range
-65
C to 150C
Package Thermal Resistance (SOP-8, θJA)
106
C/W
Junction to Case Thermal Resistance (SOP-8, θJC)
20
C/W
Power Dissipation (SOP-8, at Ambient Temperature = 85
C)
377mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model (DRAIN pin is exclusive)
2.5 KV
ESD Voltage Protection, Machine Model (DRAIN pin is exclusive)
250 V
Note1: The value of
JA is measured with the device mounted on 1oz one layer FR-4 board, in a still air environment with TA = 25°C. The value
in any given application depends on the user’s specific board design.
Caution:
Stress exceeding maximum ratings may damage the device. Maximum ratings are stress ratings only. Functional operation above the
recommended operating conditions is not implied. Extended exposure to stress above recommended operating conditions may affect device
reliability.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Operating Junction Temperature
-40
125
C
VCC voltage
9
15
V
VCC capacitor
4.7
10
F
Start-up resistor Value (AC Side, Half Wave)
2
6.2
M
Note:
1.
It
’s essential to connect VCC pin with an SMD ceramic capacitor (0.1
F~0.47F) to filter
out the undesired switching noise for stable operation. This capacitor should be placed
close to IC pin as possible.
2.
If the peak of the noise coupled in FB pin is higher than 4.0V, an SMD ceramic capacitor
with 10pF is recommended to connect the FB and GND pin.
3.
The small signal components should be placed to IC pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com