Electronic Components Datasheet Search
  English  ▼

X  

LD9162KGS Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD9162KGS
Description  Primary Side Quasi-Resonant Controller with MOSFET Integrated
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9162KGS Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD9162KGS Datasheet HTML 7Page - Leadtrend Technology LD9162KGS Datasheet HTML 8Page - Leadtrend Technology LD9162KGS Datasheet HTML 9Page - Leadtrend Technology LD9162KGS Datasheet HTML 10Page - Leadtrend Technology LD9162KGS Datasheet HTML 11Page - Leadtrend Technology LD9162KGS Datasheet HTML 12Page - Leadtrend Technology LD9162KGS Datasheet HTML 13Page - Leadtrend Technology LD9162KGS Datasheet HTML 14Page - Leadtrend Technology LD9162KGS Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LD9162K
03/10/2021
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9162K-DS-00 March 2021
Fig. 16
Quasi-Resonant Mode Detection
LD9162K employs quasi-resonant (QR) switching scheme
to switch at the valley of the drain voltage.
This feature is able to reduce the switching loss and dv/dt
in the operating range of the power supply substantially.
The QR detection comparator detects the FB pin after the
switch is turned off, and triggers QRD signal if the voltage
drops to 0.2V. The QRD signal remains low if VFB stays
above 0.4V. Under light load condition, the resonant signal
damps gradually. After the QRD signal disappears for a
certain time interval, defined as time-out 1, the controller is
forced to turn on the switch as soon as the limited period
ends.
Multi-Mode Operation
The controller changes its operating frequency according
to the load condition and line voltage.
At heavy load condition, the operating frequency may
change according to the line voltage. If the AC input is in
low line, the controller usually turns on at the first valley
because of the large duty cycle and long period time. If in
high line, the switching frequency increases till it reaches
the limit and skips the first valley to turn on at the 2
nd,
3
rd….valley. The switching frequency varies generally
when the system is operated in QR mode.
At medium load conditions, the frequency clamp is
reduced to 25 kHz maximum. However, the characteristic
in valley switching behaves as well. The LD9162K turns
on the switch at the 3
rd, 4th… valley. That is, when the load
decreases, the system automatically skips some valleys
and the switching frequency is thereby limited. Therefore,
the smooth frequency fold-back and high power efficiency
are achieved.
At no load or ultra-light load conditions, the system
operates in minimum frequency for lower power saving.
LD9162K modulates the frequency according to the load.
Current
Sensing
and
Leading-Edge
Blanking
The typical current mode of PWM controller feedbacks
both current signal and voltage signal to close the control
loop and achieve regulation. As shown in Fig. 13, the
LD9162K detects the primary MOS current from the CS
pin, which is not only for the peak current mode control but
also for the pulse-by-pulse current limit. The maximum
voltage threshold for the current sensing pin is set at 0.7V.
From above, the MOS peak current can be obtained from
below.
IPEAK(MAX) =
0.7V
RCS
A leading-edge blanking (LEB) time is included in the input
of CS pin to prevent the false-trigger from the current
spike.
High/Low Line Detection
LD9162K has setting the high/low line detect voltage
through (Ra), assume that VHL_H is the boundary voltage
between high/low line detect level. The equation of Ra is
shown as:
VCS(V)
0
0.55
17
IFB(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com