Electronic Components Datasheet Search
  English  ▼

X  

LD9162KGS Datasheet(PDF) 14 Page - Leadtrend Technology

Part # LD9162KGS
Description  Primary Side Quasi-Resonant Controller with MOSFET Integrated
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9162KGS Datasheet(HTML) 14 Page - Leadtrend Technology

Back Button LD9162KGS Datasheet HTML 9Page - Leadtrend Technology LD9162KGS Datasheet HTML 10Page - Leadtrend Technology LD9162KGS Datasheet HTML 11Page - Leadtrend Technology LD9162KGS Datasheet HTML 12Page - Leadtrend Technology LD9162KGS Datasheet HTML 13Page - Leadtrend Technology LD9162KGS Datasheet HTML 14Page - Leadtrend Technology LD9162KGS Datasheet HTML 15Page - Leadtrend Technology LD9162KGS Datasheet HTML 16Page - Leadtrend Technology LD9162KGS Datasheet HTML 17Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
LD9162K
03/10/2021
14
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9162K-DS-00 March 2021
Where
VDC_BNI is predicted BNI DC value of input voltage.
VDC_BNO is predicted BNO DC value of input voltage.
VDC_BULK_OVP is predicted BULK_OVP DC value of input
voltage.
IBNI is BNI trip current, IBNO is BNO trip current.
IBULK_OVP is BULK OVP trip current.
Np is turns ration of primary-side winding.
Na is turns ration of auxiliary winding.
Fig. 20
Over Voltage Protection on FB Pin (FB OVP)
– Auto Recovery
An output overvoltage protection is implemented in the
LD9162K. The auxiliary winding voltage can be reflected
from secondary winding, in which the FB pin voltage is
proportional to output voltage during the gate off time.
OVP is worked by sensing the auxiliary voltage via the
divided resistors Rb, refereeing to Fig. 22. If VFB overs the
FB OVP trip level, the internal counter starts counting 6
cycles,
and
then
LD9162K
goes
to
auto-recovery
protection mode till the FB OVP status is defused.
Fig. 21
Fig. 22
95µA
t
Vcc
t
Drain
Switching
Non-Switching
t
IFB
t
Line Voltage
85µA
Non-
Switching
Normal Range
UVLO(on)
UVLO(off)
LD9162K
Ra
Rb
VCC
FB
GND
VFB
380µA
t
De-Bounce Time
t
OUT
Switching
t
IFB
t
Line Voltage
Non-Switching
Switching
450ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com