Electronic Components Datasheet Search
  English  ▼

X  

LD9162KGS Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD9162KGS
Description  Primary Side Quasi-Resonant Controller with MOSFET Integrated
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9162KGS Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD9162KGS Datasheet HTML 2Page - Leadtrend Technology LD9162KGS Datasheet HTML 3Page - Leadtrend Technology LD9162KGS Datasheet HTML 4Page - Leadtrend Technology LD9162KGS Datasheet HTML 5Page - Leadtrend Technology LD9162KGS Datasheet HTML 6Page - Leadtrend Technology LD9162KGS Datasheet HTML 7Page - Leadtrend Technology LD9162KGS Datasheet HTML 8Page - Leadtrend Technology LD9162KGS Datasheet HTML 9Page - Leadtrend Technology LD9162KGS Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LD9162K
03/10/2021
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9162K-DS-00 March 2021
PARAMETER
CONDITIONS
SYM.
MIN
TYP
MAX
UNITS
SDSP (Secondary Diode Short Protection)
De-bounce Cycle
Counts in 20ms*
TD_SDSP
6
Cycle
OLP (Over Load Protection)
OLP Delay time
*
TD_OLP
50
ms
On Chip OTP (Over Temperature)
OTP Level
*
TINOTP
140
C
OTP Hysteresis
*
TINOTP_HYS
22
C
MOSFET Drain (DRAIN Pin)
Breakdown Voltage
VDS
650
V
On Resistance
RDS_ON
4.5
*: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com