Electronic Components Datasheet Search
  English  ▼

X  

MP28162 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP28162
Description  High-Efficiency, Synchronous Buck-Boost Converter with 1.5A MOSFETs in a Small WLCSP Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28162 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP28162 Datasheet HTML 12Page - Monolithic Power Systems MP28162 Datasheet HTML 13Page - Monolithic Power Systems MP28162 Datasheet HTML 14Page - Monolithic Power Systems MP28162 Datasheet HTML 15Page - Monolithic Power Systems MP28162 Datasheet HTML 16Page - Monolithic Power Systems MP28162 Datasheet HTML 17Page - Monolithic Power Systems MP28162 Datasheet HTML 18Page - Monolithic Power Systems MP28162 Datasheet HTML 19Page - Monolithic Power Systems MP28162 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MP28162 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 1.5A MOSFETS
MP28162 Rev. 1.0
MonolithicPower.com
16
3/16/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets VOUT. Select
the R2 value first. A small R2 value leads to
considerable quiescent current (IQ) loss while a
too large R2 value makes the FB sensitive to
noise. It is recommended to choose a value
between
10kΩ and 100kΩ for R2. R1 can then
be calculated with Equation (1):
2
R
)
1
V
V
(
1
R
FB
OUT
−
=
(1)
Selecting the Inductor
Optimized Performance with MPS Inductor
MPL-AT2010 Series
With
one
buck-boost
topology
circuit,
the
inductor must support the buck application with
the
maximum
VIN
(VIN_MAX)
and
boost
application with the minimum VIN (VIN_MAX). The
minimum buck inductance (LMIN_BUCK) can be
determined based on the buck mode current
ripple, which is calculated with Equation (2):
OUT
IN _ MAX
OUT
MIN _ BUCK
IN _ MAX
REQ
L
V
(V
V
)
L
V
f
I
−
=
 
(2)
Where fREQ is the switching frequency, and ∆IL
is the peak-to-peak IL ripple.
The minimum boost inductance (LMIN_BOOST) can
be determined based on the boost mode
current ripple, which is calculated with Equation
(3):
IN _ MIN
OUT
IN _ MIN
MIN _ BOOST
OUT
REQ
L
V
(V
V
)
L
V
f
I
−
=
 
(3)
The minimum inductance for the application
must exceed the calculated LMIN_BUCK and
LMIN_BOOST from Equation (2) and Equation (3),
respectively.
The inductor must also support the peak buck
current (IPEAK_BUCK) and peak boost current
(IPEAK_BOOST) to avoid saturation:
IPEAK_BUCK can be calculated Equation (4):
OUT
IN _ MAX
OUT
PEAK _ BUCK
OUT
IN _ MAX
REQ
V
(V
V
)
II
2 V
f
L
−
=+
(4)
IPEAK_BOOST can be calculated with Equation (5):
IN _ MIN
OUT
IN _ MIN
OUT
OUT
PEAK _ BOOST
IN _ MIN
OUT
REQ
V
(V
V
)
VI
I
V
2 V
f
L
−
=+

(5)
Where η is the estimated efficiency.
MPS inductors are optimized and tested for use
with a complete line of integrated circuits. Table
1 lists the power inductor recommendations.
Select a part number based on the design
requirements.
Table 1: Power Inductor Selection
Part Number
Inductance
Manufacturer
MPL-AT2010-1R0
1
μH
MPS
MPL-AT2010-1R5
1.5
μH
MPL-AT2010-2R2
2.2
μH
Visit MonolithicPower.com under Products >
Inductors for more information.
Selecting the Input and Output Capacitors
It is recommended to select ceramic capacitors
with a low ESR for the input capacitor (CIN) and
output
capacitor
(COUT).
This
filters
any
disturbances in the input and output line and
achieves stable operation.
COUT affects loop stability. CIN and COUT must be
placed as close as possible to the device. See
Figure 4 on page 18 for more details on
optimizing the capacitor selection.
Design Example
Table 2 shows a design example following the
application guidelines for the specifications
below.
Table 2: Design Example
Start-Up VIN
(V)
Operating VIN
(V)
VOUT (V)
1.8 to 5.5
1.2 to 5.5
3.3
Figure 4 on page 18 shows the detailed
application circuit. The typical performance and
waveforms
are
shown
in
the
Typical
Performance Characteristics section on page 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com