Electronic Components Datasheet Search
  English  ▼

X  

MP28162 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28162
Description  High-Efficiency, Synchronous Buck-Boost Converter with 1.5A MOSFETs in a Small WLCSP Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28162 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28162 Datasheet HTML 1Page - Monolithic Power Systems MP28162 Datasheet HTML 2Page - Monolithic Power Systems MP28162 Datasheet HTML 3Page - Monolithic Power Systems MP28162 Datasheet HTML 4Page - Monolithic Power Systems MP28162 Datasheet HTML 5Page - Monolithic Power Systems MP28162 Datasheet HTML 6Page - Monolithic Power Systems MP28162 Datasheet HTML 7Page - Monolithic Power Systems MP28162 Datasheet HTML 8Page - Monolithic Power Systems MP28162 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP28162
High-Efficiency, Synchronous Buck-Boost
Converter with 1.5A MOSFETs
in a Small WLCSP Package
MP28162 Rev. 1.0
MonolithicPower.com
1
3/16/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
DESCRIPTION
The
MP28162
is
a
high-efficiency,
low
quiescent current (IQ), buck-boost converter that
operates from an input voltage (VIN) exceeding,
below, or equal to the output voltage (VOUT).
The device provides a compact solution for
products powered by single-cell Li-ion or multi-
cell alkaline batteries, where VOUT is within the
battery voltage (VBATT) range.
Current-mode control and the fixed pulse-width
modulation (PWM) frequency provide optimal
stability and transient response. The fixed
2MHz switching frequency (fREQ) and integrated,
low on resistance (RDS(ON)) MOSFETs reduce
the solution size and maintain high efficiency.
To optimize battery life, the MP28162 employs
selectable pulse-skip mode to reduce fREQ
under
light-load
conditions.
For
low-noise
applications where pulse-skip mode may cause
interference,
a
high-logic
input
on
the
MODE/SYNC
pin
ensures
that
the
part
operates in fixed-frequency PWM mode under
all load conditions.
The MP28162 is available in a small WLCSP-
15 (1.3mmx2.1mm) package.
FEATURES
• 1.8V Minimum Start-Up Input Voltage (V
IN)
• 1.2V to 5.5V Operating V
IN Range
• 1.5V to 5.5V Output Voltage (V
OUT) Range
• 1.5A Switching Current Limit
• 2MHz Fixed Switching Frequency (f
REQ) or
External Synchronous fREQ
• Selectable Pulse-Skip Mode or Pulse-Width
Modulation (PWM) Mode
• 25μA Typical Quiescent Current (I
Q)
• Load Disconnect during Shutdown
• Internal Soft Start (SS) and Compensation
• Short-Circuit Protection (SCP) with Hiccup
Mode
• Over-Temperature Protection (OTP)
• Available in a Small WLCSP-15
(1.3mmx2.1mm) Package
Optimized Performance with
MPS Inductor MPL-AT2010 Series
APPLICATIONS
• Optical Modules
• Portable Instruments
• Battery-Powered Devices
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS Logo, and “Simple, Easy Solutions”
are registered trademarks, of Monolithic Power Systems, Inc. or its
subsidiaries.
TYPICAL APPLICATION
SW1
SW2
L1
VIN
VCC
EN
MODE/SYNC
VOUT
FB
AGND
PGND
C1
22µF
VIN
C3
4.7µF
C2
22µF x 3
VOUT = 3.3V
R1
300k
Ω
R2
52.3k
Ω
MP28162
1µH
0
20
40
60
80
100
0.001
0.01
0.1
1
LOAD CURRENT (A)
Efficiency vs. Load Current
V
OUT = 3.3V, VMODE = low
VIN=2.4V
VIN=3.3V
VIN=4.2V


Similar Part No. - MP28162

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28163GQ MPS-MP28163GQ Datasheet
1Mb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28163GQ MPS-MP28163GQ Datasheet
597Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
MP28163GQ-P MPS-MP28163GQ-P Datasheet
1Mb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
More results

Similar Description - MP28162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_017 TI1-TLV62569_017 Datasheet
1Mb / 24P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
2-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01 Datasheet
1Mb / 20P
TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT563 Package
DECEMBER 2021
TPS62A06 TI-TPS62A06 Datasheet
1Mb / 26P
TPS62A06, TPS62A06A, 6-A High-Efficiency Synchronous Buck Converter in a SOT563 Package
APRIL 2023
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com