Electronic Components Datasheet Search
  English  ▼

X  

MP28162 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP28162
Description  High-Efficiency, Synchronous Buck-Boost Converter with 1.5A MOSFETs in a Small WLCSP Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28162 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP28162 Datasheet HTML 6Page - Monolithic Power Systems MP28162 Datasheet HTML 7Page - Monolithic Power Systems MP28162 Datasheet HTML 8Page - Monolithic Power Systems MP28162 Datasheet HTML 9Page - Monolithic Power Systems MP28162 Datasheet HTML 10Page - Monolithic Power Systems MP28162 Datasheet HTML 11Page - Monolithic Power Systems MP28162 Datasheet HTML 12Page - Monolithic Power Systems MP28162 Datasheet HTML 13Page - Monolithic Power Systems MP28162 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MP28162 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 1.5A MOSFETS
MP28162 Rev. 1.0
MonolithicPower.com
10
3/16/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board in the Design Example section on
page 16. VIN = 3.3V, VOUT = 3.3V, L = 1µH, COUT = 3 x 22µF, TA = 25°C, unless otherwise noted.
Start-Up through EN
IOUT = 0A, VMODE = high
Start-Up through EN
IOUT = 0A, VMODE = low
R1: EN
CH1: VOUT
CH2: SW1
CH3: SW2
CH4: IL
R1: EN
CH1: VOUT
CH2: SW1
CH3: SW2
CH4: IL
Start-Up through EN
IOUT = 0.5A, VMODE = low
Shutdown through EN
IOUT = 0.01A, VMODE = high
R1: EN
CH1: VOUT
CH2: SW1
CH3: SW2
CH4: IL
R1: EN
CH1: VOUT
CH2: SW1
CH3: SW2
CH4: IL
Shutdown through EN
IOUT = 0.01A, VMODE = low
Shutdown through EN
IOUT = 0.5A, VMODE = low
R1: EN
CH1: VOUT
CH2: SW1
CH3: SW2
CH4: IL
R1: EN
CH1: VOUT
CH2: SW1
CH3: SW2
CH4: IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com