Electronic Components Datasheet Search
  English  ▼

X  

MP28162 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP28162
Description  High-Efficiency, Synchronous Buck-Boost Converter with 1.5A MOSFETs in a Small WLCSP Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28162 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP28162 Datasheet HTML 3Page - Monolithic Power Systems MP28162 Datasheet HTML 4Page - Monolithic Power Systems MP28162 Datasheet HTML 5Page - Monolithic Power Systems MP28162 Datasheet HTML 6Page - Monolithic Power Systems MP28162 Datasheet HTML 7Page - Monolithic Power Systems MP28162 Datasheet HTML 8Page - Monolithic Power Systems MP28162 Datasheet HTML 9Page - Monolithic Power Systems MP28162 Datasheet HTML 10Page - Monolithic Power Systems MP28162 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MP28162 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 1.5A MOSFETS
MP28162 Rev. 1.0
MonolithicPower.com
7
3/16/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board in the Design Example section on
page 16. VIN = 3.3V, VOUT = 3.3V, L = 1µH, COUT = 3 x 22µF, TA = 25°C, unless otherwise noted.
0
20
40
60
80
100
0.001
0.01
0.1
1
LOAD CURRENT (A)
Efficiency vs. Load Current
V
OUT = 3.3V, VMODE = low
VIN=2.4V
VIN=3.3V
VIN=4.2V
0
20
40
60
80
100
1.5
2.5
3.5
4.5
5.5
INPUT VOLTAGE (V)
Efficiency vs. Input Voltage
V
OUT = 3.3V, VMODE = low
IOUT=0.5A
IOUT=0.25A
IOUT=0.01A
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0
0.2
0.4
0.6
0.8
1
1.2
1.4
LOAD CURRENT (A)
Load Regulation
V
MODE = high
VIN=2.4V
VIN=3.3V
VIN=4.2V
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
1.5
2.5
3.5
4.5
5.5
INPUT VOLTAGE (V)
Line Regulation
V
MODE = high
IOUT=0A
IOUT=0.25A
IOUT=0.5A
0
5
10
15
20
25
30
0
0.5
1
1.5
OUTPUT CURRENT (A)
Case Temperature Rise
V
MODE = low
VIN=2.4V
VIN=3.3V
VIN=4.2V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Maximum Output Current
vs. Input Voltage (9)
V
OUT = 3.3V
Note:
9) Tested with the MP28162, which has a 1.3A ILIMIT at VIN = 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com