Electronic Components Datasheet Search
  English  ▼

X  

TDA5360 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA5360
Description  Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5360 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA5360 Datasheet HTML 9Page - NXP Semiconductors TDA5360 Datasheet HTML 10Page - NXP Semiconductors TDA5360 Datasheet HTML 11Page - NXP Semiconductors TDA5360 Datasheet HTML 12Page - NXP Semiconductors TDA5360 Datasheet HTML 13Page - NXP Semiconductors TDA5360 Datasheet HTML 14Page - NXP Semiconductors TDA5360 Datasheet HTML 15Page - NXP Semiconductors TDA5360 Datasheet HTML 16Page - NXP Semiconductors TDA5360 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
1998 July 30
Philips Semiconductors
Objective Specification, Revision 2.2
Pre-Amplifier for Hard Disk Drive with
MR-Read / Inductive Write Heads
TDA5360
13
10.2
Fault Mode
Fault conditions are indicated on the FLT pin (HIGH during write mode and LOW during read mode). The fault condition
is coded and stored in Reg. 07 for monitoring purposes. The fault code is cleared on power up, on system reset and on
writing to Reg.09
The FLT output is an open collector to an external resistor of 5Kohms connected to +5V.
Table 1: Fault Conditions
Mode
Fault condition
FCOD3
FCOD2
FCOD1
FCOD0
Both
No fault
0
0
0
0
Read
Write current present
0
0
0
1
Fault code not used
0
0
1
0
Thermal Asperity detected
0
0
1
1
Read head open
0
1
0
0
Write
No write current
0
1
0
1
Write Data frequency to low
0
1
1
0
Write head open
0
1
1
1
Write head shorted to GND
1
0
0
0
Both
Rext open or short
1
0
0
1
Write to read head short
1
0
1
0
Low Vcc or Low Vee
1
0
1
1
Fault code not used
1
1
0
0
Illegal head address
1
1
0
1
Fault code not used
1
1
1
0
Temperature too high
140 C
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com