Electronic Components Datasheet Search
  English  ▼

X  

TDA5360 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA5360
Description  Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5360 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA5360 Datasheet HTML 14Page - NXP Semiconductors TDA5360 Datasheet HTML 15Page - NXP Semiconductors TDA5360 Datasheet HTML 16Page - NXP Semiconductors TDA5360 Datasheet HTML 17Page - NXP Semiconductors TDA5360 Datasheet HTML 18Page - NXP Semiconductors TDA5360 Datasheet HTML 19Page - NXP Semiconductors TDA5360 Datasheet HTML 20Page - NXP Semiconductors TDA5360 Datasheet HTML 21Page - NXP Semiconductors TDA5360 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
1998 July 30
Philips Semiconductors
Objective Specification, Revision 2.2
Pre-Amplifier for Hard Disk Drive with
MR-Read / Inductive Write Heads
TDA5360
18
3
Reader Bandwith
Register
HFZ3, HFZ2, HFZ1, HFZ0 = high frequency gain boost/ differentiator control
( Note 3 )
LFP1, LFP0 = low frequency pole.
(0,0) =1 MHz
(0,1) =2 MHz
(1,0) =3 MHz
(1,1) =4 MHz
4
Writer Bias Register
IW4, IW3, IW2, IW1, IW0 = 5 bits to define Iwr current :
Iwr = 10mA + 1.3mA*(IW0+2*IW1+4*IW2+8*IW3+16*IW4)
WCP2...WCP1 = 3 bits for the write current overshoot
(Note 4)
5
Thermal Asperity
Detection
TRANGE = if HIGH, the TA detector range is shifted up 3.17mV
TAD = if HIGH, the TA detection circuits are enabled
TAC = if HIGH, the TA Compression circuits are enabled
TAD4..TAD0 = 5 bits for TAD threshold programmation (referred to the input)
Vth(mV) =
0.390
+ 3.170*TRANGE
+
0.177*(TAD0 + 2*TAD1 + 4*TAD2+ 8*TAD3 + 16*TAD4)
(Note 5)
6
Vendor Register
VEND7...VEND0 = 8 bits for identification (read back only bits)
7 6 5 4 3 2 1 0
0 0 1 0 0 0 1 1 = rev1
0 1 0 0 0 0 1 1 = rev2
7
Fault Management
Register
FLT2...FLT0 = 3 bits to set the reporting of a fault condition :
000 = report all fault detected
001 = Disable low supply fault
010 = Disable temperature too high fault
011 = Disable write head open/short fault
100 = Disable write data frequency too low fault
101 = disable MR power too high fault
110 = Disable TA Detected fault
111 = Disable all faults
FCOD3...FCOD0 = 4 bits for encoding the fault conditions (read back only bits)
( Note 7 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com