Electronic Components Datasheet Search
  English  ▼

X  

TDA5360 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA5360
Description  Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5360 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA5360 Datasheet HTML 22Page - NXP Semiconductors TDA5360 Datasheet HTML 23Page - NXP Semiconductors TDA5360 Datasheet HTML 24Page - NXP Semiconductors TDA5360 Datasheet HTML 25Page - NXP Semiconductors TDA5360 Datasheet HTML 26Page - NXP Semiconductors TDA5360 Datasheet HTML 27Page - NXP Semiconductors TDA5360 Datasheet HTML 28Page - NXP Semiconductors TDA5360 Datasheet HTML 29Page - NXP Semiconductors TDA5360 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
1998 July 30
Philips Semiconductors
Objective Specification, Revision 2.2
Pre-Amplifier for Hard Disk Drive with
MR-Read / Inductive Write Heads
TDA5360
26
12 ELECTRICAL PARAMETERS
12.1
DC Characteristics
Unless otherwise specified, recommended operating conditions apply
CS0=CS1=LOW, DRN=HIGH, BFAST=LOW, STWn=HIGH, RIN=18 Ohm, LFP = 1MHz, Imr = 8mA, Rmr = 66 Ohm
Iwr = 30.8mA.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
I
CC
VCC Supply Current
Read Mode, I
MR
= 8mA
65
75
85
mA
Write Mode, I
WR
= 30.8 mA
100
130
175
mA
Standby Mode
200
1400
2500
uA
Sleep Mode
200
700
2000
uA
I
EE
VEE Supply Current
Read Mode, I
MR
= 8mA
-20
-12
-8
mA
Write Mode, I
WR
= 30.8 mA
-150
-80
-60
mA
Standby Mode
-200
-5
0
uA
Sleep Mode
-200
-5
0
uA
Power Dissipation
Read Mode, I
MR
= 8mA
365
435
525
mW
Pw
(T
J
=105°C)
Write Mode I
WR
= 30.8 mA
800
1050
1625
mW
V
IL
Input Low Voltage
TTL
0
0.8
V
V
IH
Input High Voltage
TTL
2.4
5
V
I
IL
Input Low Current
V
IL
= 0.8 V
PECL
TTL
-160
50
uA
uA
I
IH
Input High Current
V
IH
= 2.4V
PECL
TTL
50
80
uA
uA
VOL
Output Low voltage
SDATA
I
OL
= 4mA
0.4
V
VOH
Output High voltage
SDATA
5V mode
SDATA
3.3V mode
3.6
2.4
Vcc
3.6
V
V
I
OH
Output High Current
FLT
V
OH
= 5.0V
50
uA
V
OL
Output Low Voltage
FLT
I
OL
= 4mA
0.4
V
High level WDP and WDN
PECL
(Note 1)
Current mode (Note2)
-0.25
Vcc
0
V
mA
Low level WDP and WDN
PECL
(Note 1)
Current mode (Note 2)
2.4
- 4
-1
V
mA
|WDP-WDN| PECL swing
Voltage mode selected
peak to peak (Note 1)
0.4
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com